Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 80 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 80 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 76Page - ams AG TDC-GP22 Datasheet HTML 77Page - ams AG TDC-GP22 Datasheet HTML 78Page - ams AG TDC-GP22 Datasheet HTML 79Page - ams AG TDC-GP22 Datasheet HTML 80Page - ams AG TDC-GP22 Datasheet HTML 81Page - ams AG TDC-GP22 Datasheet HTML 82Page - ams AG TDC-GP22 Datasheet HTML 83Page - ams AG TDC-GP22 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
TDC-GP22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
5-3
5.1.4
How to use Clock Calibration
a. Application
This option is dedicated especially to ultrasonic flow and heat meters. In those applications
the use of ceramic oscillators shows two main advantages: lower cost and less current
consumption. Mainly because of the short oscillation start-up time of the ceramic oscillator
the operating current can be reduced by several µA. Referring to 10 years of operation
this saves several 100 mAh in battery capacitance. There is no negative effect on the
resolution when using this option the correct way.
b. Jitter of the 32 kHz clock and consequences
The 32 kHz clock is very precise in frequency with only a few ppm error. However, the
phase jitter is about 3 to 5 ns peak-peak. For this reason also a calibration measurement
(Start_Cal_Resonator) has this error. When multiplying a measurement result with the
calibration result, the jitter of the calibration is transferred to the result by the ratio
calibration measurement time (see ANZ_PER_CALRES) to measurement time. Using a
permanently updated calibration value will add a considerable jitter to the measurement
result.
c. Application of this option in ultrasonic flow meters
A measurement result is always made of two single time-of-flight measurements in
ultrasonic flow meters, with and against the flow direction. The difference between those
measurements is a measure for the flow. To avoid an influence of the calibration jitter on
this measurement result it is necessary only to use the same calibration for both ToF
measurements. Following this, the difference between the two ToF measurements will be
free of the jitter of the clock calibration measurement. The clock can be calibrated only
between measurements that are not directly subtracted from each other.
5.2
Fire Pulse Generator
5.2.1
General Description
The fire pulse generator generates a sequence of pulses which is highly programmable in
frequency, phase and number of pulses. The high-speed oscillator frequency divided by the
factor selected for DIV_CLKHS is used as the basic frequency. This frequency is internally
doubled and can freely be divided by a factor of 2 to 15. It is possible to g enerate 1 to
127 pulses. If maximum 15 pulses are sent the phase for each pulse can be adjusted per
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com