Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 74 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 74 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 70Page - ams AG TDC-GP22 Datasheet HTML 71Page - ams AG TDC-GP22 Datasheet HTML 72Page - ams AG TDC-GP22 Datasheet HTML 73Page - ams AG TDC-GP22 Datasheet HTML 74Page - ams AG TDC-GP22 Datasheet HTML 75Page - ams AG TDC-GP22 Datasheet HTML 76Page - ams AG TDC-GP22 Datasheet HTML 77Page - ams AG TDC-GP22 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
TDC-GP22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4-29
Three main parameters have to be considered, to select the correct gain factor:
base resistance of the temperature sensor (e.g. PT500, PT1000)
used Schmitt trigger (GP22-internal, external 74AHC14)
GP22 supply voltage
The appropriate gain correction factors are provided in table 4-3 (“Absolute gain vs. Vio”).
Import note:
The gain correction factors for the external Schmitt trigger exclusively refer to the
74AHC14 Schmitt trigger. Other types (e.g. 74HC14) require different gain factors, in
order to ensure a correct compensation. According to that, we strongly recommend to
use a 74AHC14 as external Schmitt trigger.
Example 1:
Application with PT1000 Sensor, GP22 internal Schmitt trigger and 3.0 V supply
voltage. According to table 4.3 a gain factor of 0.9931 has to be selected. The gain
corrected result is calculated then by the following equation:
Tcorr=Tuncorr/0.9931
Example 2:
Application with PT500 Sensor, external 74AHC14 Schmitt trigger and 3.6 V supply
voltage. Table 4-3 now specifies a gain factor of 0.9980. The gain corrected result is
calculated as follows:
Tcorr = Tuncorr/0.9980
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com