Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 22 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 22 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 18Page - ams AG TDC-GP22 Datasheet HTML 19Page - ams AG TDC-GP22 Datasheet HTML 20Page - ams AG TDC-GP22 Datasheet HTML 21Page - ams AG TDC-GP22 Datasheet HTML 22Page - ams AG TDC-GP22 Datasheet HTML 23Page - ams AG TDC-GP22 Datasheet HTML 24Page - ams AG TDC-GP22 Datasheet HTML 25Page - ams AG TDC-GP22 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
TDC-GP22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2-15
printed circuit board. Vio and Vcc should be provided by a battery or fixed linear vol tage
regulator. Do not use switched regulators to avoid disturbances caused by the I/O supply.
Vio and Vcc are connected internally on the chip. The resistance between both is in the
range of several Ohms. However, Vio is connected to the pads with significantly lower
impedance and therefore can provide this better than Vcc.
The measurement quality of a time-to-digital converter depends on a good power supply.
The chip sees mainly pulsed current and therefore a sufficient bypassing is mandatory:
Vcc
47 to 100 µF
(minimum 22 µF)
Vio
100 µF
(minimum 22 µF)
The supply voltage should be provided through analog regulators. We strongly recommend
not to use switch mode power supplies.
Current consumption
The current consumption is the sum from different parties (all data for Vio = Vcc = 3.0V):
Iddq
< 5 nA typ.@3.0V,
25°C
Quiescent current, no 32 kHz oscillator running
I32
typ. 1.0 µA
Standby current with active 32 kHz oscillator (GP22 waiting for
command).
Ihs
typ. 130 µA/s
* (active runtime)
Current into the high speed oscillator at 3.0 V Vio.
Example: In ultrasonic flow-meters the high-speed oscillator is on for
about 2ms only.
The average current consumption is 130 µA/s * 2 ms = 0.26 µA
Itmu
typ. 4 mA/s
* (active measuring
time)
Current into the time measuring unit, In measurement mode 1
The time measuring unit is active for the start-stop time interval plus
the calibration time interval of 2 periods of the reference clock per
measurement.
In measurement mode 2 the time measuring unit is on for average 4
periods of the reference clock per measurement, two for the time
measurement and two for calibration.
Example: With 10 measurements per second in measurement mode
2 and a 4 MHz reference clock the time measuring unit is active for
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com