Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 14 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 14 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 10Page - ams AG TDC-GP22 Datasheet HTML 11Page - ams AG TDC-GP22 Datasheet HTML 12Page - ams AG TDC-GP22 Datasheet HTML 13Page - ams AG TDC-GP22 Datasheet HTML 14Page - ams AG TDC-GP22 Datasheet HTML 15Page - ams AG TDC-GP22 Datasheet HTML 16Page - ams AG TDC-GP22 Datasheet HTML 17Page - ams AG TDC-GP22 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
TDC-GP22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2-7
Serial Interface
Symbol
Parameter
Max. @ Vio =
Unit
2.5 V
3.3 V
fclk
Serial clock frequency
15
20
MHz
Symbol
Parameter
Min. @ Vio =
Unit
2.5 V
3.3 V
tpwh
Serial clock, pulse width high
30
25
ns
tpwl
Serial clock, pulse width low
30
25
ns
tsussn
SSN enable to valid latch clock
40
10
ns
tpwssn
SSN pulse width between write cycles
50
40
ns
thssn
SSN hold time after SCLK falling
40
25
ns
tsud
Data set-up time prior to SCLK falling
5
5
ns
thd
Data hold time before SCLK falling
5
5
ns
Symbol
Parameter
Max. @ Vio =
Unit
2.5 V
3.3 V
tvd
Data valid after SCLK rising
20
16
ns
Serial Interface (SPI compatible, Clock Phase Bit =1, Clock Polarity Bit =0):
tsussn
tpwh
tpwl
tpwssn
tsud
thd
MSB
LSB
SSN
SCK
SI
thssn
Figure 2-2 SPI Write
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com