Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 24Page - Texas Instruments TAS5731MPHP Datasheet HTML 25Page - Texas Instruments TAS5731MPHP Datasheet HTML 26Page - Texas Instruments TAS5731MPHP Datasheet HTML 27Page - Texas Instruments TAS5731MPHP Datasheet HTML 28Page - Texas Instruments TAS5731MPHP Datasheet HTML 29Page - Texas Instruments TAS5731MPHP Datasheet HTML 30Page - Texas Instruments TAS5731MPHP Datasheet HTML 31Page - Texas Instruments TAS5731MPHP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
SCLK
16Clks
LRCLK
LeftChannel
16-BitMode
1
1
15
15
14
14
MSB
LSB
16Clks
RightChannel
2-ChannelI S(PhilipsFormat)StereoInput
2
T0266-01
3
3
2
2
5
5
4
4
9
9
8
8
0
13
13
10
10
11
11
12
12
SCLK
MSB
LSB
23
22
SCLK
24Clks
LRCLK
LeftChannel
24-BitMode
1
19
18
20-BitMode
16-BitMode
15
14
MSB
LSB
24Clks
RightChannel
2-ChannelI S(PhilipsFormat)StereoInput/Output(24-Bit TransferWordSize)
2
T0092-01
3
2
5
4
9
8
17
16
1
0
0
4
5
13
12
1
0
9
8
23
22
SCLK
1
19
18
15
14
MSB
LSB
3
2
5
4
9
8
17
16
1
0
4
5
13
12
1
0
9
8
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
NOTE: All data presented in 2s-complement form with MSB first.
Figure 47. I2S 48-FS Format
NOTE: All data presented in 2s-complement form with MSB first.
Figure 48. I2S 32-FS Format
28
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com