Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 2Page - Texas Instruments TAS5731MPHP Datasheet HTML 3Page - Texas Instruments TAS5731MPHP Datasheet HTML 4Page - Texas Instruments TAS5731MPHP Datasheet HTML 5Page - Texas Instruments TAS5731MPHP Datasheet HTML 6Page - Texas Instruments TAS5731MPHP Datasheet HTML 7Page - Texas Instruments TAS5731MPHP Datasheet HTML 8Page - Texas Instruments TAS5731MPHP Datasheet HTML 9Page - Texas Instruments TAS5731MPHP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
VREG
31
P
Digital regulator output. Not to be used for powering external
circuitry.
PowerPAD™
P
Provides both electrical and thermal connection from the device to
the board. A matching ground pad must be provided on the PCB and
the device connected to it via solder. For proper electrical operation,
this ground pad must be connected to the system ground
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
DVDD, AVDD
–0.3
4.2
V
Supply
voltage
PVDD_x
–0.3
30
V
3.3-V digital input
–0.5
DVDD + 0.5
Input voltage
5-V tolerant(2) digital input (except MCLK)
–0.5
DVDD + 2.5(3)
V
5-V tolerant MCLK input
–0.5
AVDD + 2.5(3)
OUT_x to PGND_x
32(4)
V
BST_x to PGND_x
39(4)
V
Input clamp current, IIK
–20
20
mA
Output clamp current, IOK
–20
20
mA
Operating free-air temperature
0
85
°C
Operating junction temperature
0
150
°C
Storage temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage must not exceed 6 V.
(4)
DC voltage + peak ac waveform measured at the pin must be below the allowed limit for all conditions.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±250
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com