Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 43Page - Texas Instruments TAS5731MPHP Datasheet HTML 44Page - Texas Instruments TAS5731MPHP Datasheet HTML 45Page - Texas Instruments TAS5731MPHP Datasheet HTML 46Page - Texas Instruments TAS5731MPHP Datasheet HTML 47Page - Texas Instruments TAS5731MPHP Datasheet HTML 48Page - Texas Instruments TAS5731MPHP Datasheet HTML 49Page - Texas Instruments TAS5731MPHP Datasheet HTML 50Page - Texas Instruments TAS5731MPHP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
9.6.3 Error Status Register (0x02)
The error bits are sticky and are not cleared by the hardware. This means that the software must clear the
register (write zeroes) and then read them to determine if they are persistent errors.
Error Definitions:
•
MCLK Error : MCLK frequency is changing. The number of MCLKs per LRCLK is changing.
•
SCLK Error: The number of SCLKs per LRCLK is changing.
•
LRCLK Error: LRCLK frequency is changing.
•
Frame Slip: LRCLK phase is drifting with respect to internal Frame Sync.
Table 6. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
-
–
–
–
–
–
–
MCLK error
–
1
–
–
–
–
–
–
PLL autolock error
–
–
1
–
–
–
–
–
SCLK error
–
–
–
1
–
–
–
–
LRCLK error
–
–
–
–
1
–
–
–
Frame slip
–
–
–
–
–
1
–
–
Clip indicator
–
–
–
–
–
–
1
–
Overcurrent, overtemperature, or undervoltage errors
–
–
–
–
–
–
–
0
Reserved
0
0
0
0
0
0
0
–
No errors(1)
(1)
Default values are in bold.
9.6.4 System Control Register 1 (0x03)
The system control register 1 has several functions:
Bit D7:
If 0, the dc-blocking filter for each channel is disabled.
If 1, the dc-blocking filter (–3 dB cutoff <1 Hz) for each channel is enabled (default).
Bit D5:
If 0, use soft unmute on recovery from clock error. This is a slow recovery. Unmute takes the
same time as the volume ramp defined in register 0x0E.
If 1, use hard unmute on recovery from clock error (default). This is a fast recovery, a single step
volume ramp
Bits D1–D0: Select de-emphasis
Table 7. System Control Register 1 (0x03)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
PWM high-pass (dc blocking) disabled
1
–
–
–
–
–
–
–
PWM high-pass (dc blocking) enabled(1)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Soft unmute on recovery from clock error
–
–
1
–
–
–
–
–
Hard unmute on recovery from clock error (1)
–
–
–
0
–
–
–
–
Reserved(1)
–
–
–
–
0
–
–
–
Reserved(1)
–
–
–
–
–
0
–
–
Reserved(1)
–
–
–
–
–
–
0
0
No de-emphasis(1)
–
–
–
–
–
–
0
1
De-emphasis for fS = 32 kHz
–
–
–
–
–
–
1
0
De-emphasis for fS = 44.1 kHz
–
–
–
–
–
–
1
1
De-emphasis for fS = 48 kHz
(1)
Default values are in bold.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com