Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 61Page - Texas Instruments TAS5731MPHP Datasheet HTML 62Page - Texas Instruments TAS5731MPHP Datasheet HTML 63Page - Texas Instruments TAS5731MPHP Datasheet HTML 64Page - Texas Instruments TAS5731MPHP Datasheet HTML 65Page - Texas Instruments TAS5731MPHP Datasheet HTML 66Page - Texas Instruments TAS5731MPHP Datasheet HTML 67Page - Texas Instruments TAS5731MPHP Datasheet HTML 68Page - Texas Instruments TAS5731MPHP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
AVDD/DVDD
PVDD
3.3 V
8 V–24 V
SCL
Digital
Audio
Source
I C
Control
2
Control
Inputs
B0264-26
Loop
Filter
SDIN
LRCLK
SCLK
MCLK
OUT_A
OUT_B
BST_A
BST_B
OUT_C
OUT_D
BST_C
BST_D
LC
PBTL
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
10.2.2 Mono Parallel Bridge Tied Load Application
A mono system refers to a system in which the amplifier is used to drive a single loudspeaker. Parallel Bridge
Tied Load (PBTL) indicates that the two full-bridge channels of the device are placed in parallel and drive the
loudspeaker simultaneously using an identical audio signal. The primary benefit of operating the TAS5731M
device in PBTL operation is to reduce the power dissipation and increase the current sourcing capabilities of the
amplifier output. In this mode of operation, the current limit of the audio amplifier is approximately doubled while
the on-resistance is approximately halved.
The loudspeaker can be a full-range transducer or one that only reproduces the low-frequency content of an
audio signal, as in the case of a powered subwoofer. Often in this use case, two stereo signals are mixed
together and sent through a low-pass filter in order to create a single audio signal which contains the low
frequency information of the two channels.
The Mono Parallel Bridge Tied Load application is shown in Figure 71.
Figure 71. Mono Parallel Bridge Tied Load Application
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com