Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 59Page - Texas Instruments TAS5731MPHP Datasheet HTML 60Page - Texas Instruments TAS5731MPHP Datasheet HTML 61Page - Texas Instruments TAS5731MPHP Datasheet HTML 62Page - Texas Instruments TAS5731MPHP Datasheet HTML 63Page - Texas Instruments TAS5731MPHP Datasheet HTML 64Page - Texas Instruments TAS5731MPHP Datasheet HTML 65Page - Texas Instruments TAS5731MPHP Datasheet HTML 66Page - Texas Instruments TAS5731MPHP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
2
s
m
2
s
m
AVDD/DVDD
PDN
PVDD
RESET
T0420-05
3V
8V
6V
I C
2
2ms
0ns
0ns
0ns
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Figure 70. Power-Loss Sequence
10.2.1.2.4.1
Initialization Sequence
Use the following sequence to power up and initialize the device:
1.
Hold all digital inputs low and ramp up AVDD/DVDD to at least 3 V.
2.
Initialize digital inputs and PVDD supply as follows:
•
Drive RESET = 0, PDN = 1, and other digital inputs to their desired state while ensuring that
all are never more than 2.5 V above AVDD/DVDD. Wait at least 100 µs, drive RESET = 1,
and wait at least another 13.5 ms.
•
Ramp up PVDD to at least 8 V while ensuring that it remains below 6 V for at least 100 µs
after AVDD/DVDD reaches 3 V. Then wait at least another 10 µs.
3.
Trim oscillator (write 0x00 to register 0x1B) and wait at least 50 ms.
4.
Configure the DAP via I2C, see TAS5731EVM Evaluation Module User's Guide (SLOU331) for
typical values.
5.
Configure remaining registers.
6.
Exit shutdown (sequence defined in Shutdown Sequence).
10.2.1.2.4.2
Normal Operation
The following are the only events supported during normal operation:
1.
Writes to master/channel volume registers
2.
Writes to soft-mute register
3.
Enter and exit shutdown (sequence defined in Shutdown Sequence)
NOTE
Event 3 is not supported for 240 ms + 1.3 × tstart after trim following AVDD/DVDD power-
up ramp (where tstart is specified by register 0x1A).
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com