Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 48Page - Texas Instruments TAS5731MPHP Datasheet HTML 49Page - Texas Instruments TAS5731MPHP Datasheet HTML 50Page - Texas Instruments TAS5731MPHP Datasheet HTML 51Page - Texas Instruments TAS5731MPHP Datasheet HTML 52Page - Texas Instruments TAS5731MPHP Datasheet HTML 53Page - Texas Instruments TAS5731MPHP Datasheet HTML 54Page - Texas Instruments TAS5731MPHP Datasheet HTML 55Page - Texas Instruments TAS5731MPHP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
9.6.13 Start/Stop Period Register (0x1A)
This register is used to control the soft-start and soft-stop period following an enter/exit all channel shut down
command or change in the PDN state. This helps reduce pops and clicks at start-up and shutdown. The times
are only approximate and vary depending on device activity level and I2S clock stability.
Table 16. Start/Stop Period Register (0x1A)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
SSTIMER enabled(1)
1
–
–
–
–
–
–
–
SSTIMER disabled
–
0
0
–
–
–
–
–
Reserved(1)
–
–
–
0
0
–
–
–
No 50% duty cycle start/stop period
–
–
–
0
1
0
0
0
16.5-ms 50% duty cycle start/stop period
–
–
–
0
1
0
0
1
23.9-ms 50% duty cycle start/stop period
–
–
–
0
1
0
1
0
31.4-ms 50% duty cycle start/stop period
–
–
–
0
1
0
1
1
40.4-ms 50% duty cycle start/stop period
–
–
–
0
1
1
0
0
53.9-ms 50% duty cycle start/stop period
–
–
–
0
1
1
0
1
70.3-ms 50% duty cycle start/stop period
–
–
–
0
1
1
1
0
94.2-ms 50% duty cycle start/stop period
–
–
–
0
1
1
1
1
125.7-ms 50% duty cycle start/stop period (1)
–
–
–
1
0
0
0
0
164.6-ms 50% duty cycle start/stop period
–
–
–
1
0
0
0
1
239.4-ms 50% duty cycle start/stop period
–
–
–
1
0
0
1
0
314.2-ms 50% duty cycle start/stop period
–
–
–
1
0
0
1
1
403.9-ms 50% duty cycle start/stop period
–
–
–
1
0
1
0
0
538.6-ms 50% duty cycle start/stop period
–
–
–
1
0
1
0
1
703.1-ms 50% duty cycle start/stop period
–
–
–
1
0
1
1
0
942.5-ms 50% duty cycle start/stop period
–
–
–
1
0
1
1
1
1256.6-ms 50% duty cycle start/stop period
–
–
–
1
1
0
0
0
1728.1-ms 50% duty cycle start/stop period
–
–
–
1
1
0
0
1
2513.6-ms 50% duty cycle start/stop period
–
–
–
1
1
0
1
0
3299.1-ms 50% duty cycle start/stop period
–
–
–
1
1
0
1
1
4241.7-ms 50% duty cycle start/stop period
–
–
–
1
1
1
0
0
5655.6-ms 50% duty cycle start/stop period
–
–
–
1
1
1
0
1
7383.7-ms 50% duty cycle start/stop period
–
–
–
1
1
1
1
0
9897.3-ms 50% duty cycle start/stop period
–
–
–
1
1
1
1
1
13,196.4-ms 50% duty cycle start/stop period
(1)
Default values are in bold.
52
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com