Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 42Page - Texas Instruments TAS5731MPHP Datasheet HTML 43Page - Texas Instruments TAS5731MPHP Datasheet HTML 44Page - Texas Instruments TAS5731MPHP Datasheet HTML 45Page - Texas Instruments TAS5731MPHP Datasheet HTML 46Page - Texas Instruments TAS5731MPHP Datasheet HTML 47Page - Texas Instruments TAS5731MPHP Datasheet HTML 48Page - Texas Instruments TAS5731MPHP Datasheet HTML 49Page - Texas Instruments TAS5731MPHP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
9.6.1 Clock Control Register (0x00)
The clocks and data rates are automatically determined by the TAS5731M. The clock control register contains
the auto-detected clock status. Bits D7–D5 reflect the sample rate. Bits D4–D2 reflect the MCLK frequency. The
device accepts a 64 fS or 32 fS SCLK rate for all MCLK ratios, but accepts a 48 fS SCLK rate for MCLK ratios of
192 fS and 384 fS only.
Table 4. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
Reserved(1)
0
1
0
–
–
–
–
–
Reserved(1)
0
1
1
–
–
–
–
–
fS = 44.1/48-kHz sample rate
(2)
1
0
0
–
–
–
–
–
fS = 16-kHz sample rate
1
0
1
–
–
–
–
–
fS = 22.05/24-kHz sample rate
1
1
0
–
–
–
–
–
fS = 8-kHz sample rate
1
1
1
–
–
–
–
–
fS = 11.025/12-kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(3)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
(4)
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(2) (5)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
–
–
–
1
1
0
–
–
Reserved(1)
–
–
–
1
1
1
–
–
Reserved(1)
–
–
–
–
–
–
0
–
Reserved(1) (2)
–
–
–
–
–
–
–
0
Reserved(1) (2)
(1)
Reserved registers must not be accessed.
(2)
Default values are in bold.
(3)
Only available for 44.1-kHz and 48-kHz rates
(4)
Rate only available for 32/44.1/48-kHz sample rates
(5)
Not available at 8 kHz
9.6.2 Device ID Register (0x01)
The device ID register contains the ID code for the firmware revision.
Table 5. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Identification code
46
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com