Electronic Components Datasheet Search
  English  ▼

X  

TAS5731MPHP Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 67 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 63Page - Texas Instruments TAS5731MPHP Datasheet HTML 64Page - Texas Instruments TAS5731MPHP Datasheet HTML 65Page - Texas Instruments TAS5731MPHP Datasheet HTML 66Page - Texas Instruments TAS5731MPHP Datasheet HTML 67Page - Texas Instruments TAS5731MPHP Datasheet HTML 68Page - Texas Instruments TAS5731MPHP Datasheet HTML 69Page - Texas Instruments TAS5731MPHP Datasheet HTML 70Page - Texas Instruments TAS5731MPHP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
AVDD/DVDD
PVDD
3.3 V
8 V–24 V
SCL
Digital
Audio
Source
I C
Control
2
Control
Inputs
B0264-25
Loop
Filter
SDIN
LRCLK
SCLK
MCLK
OUT_A
OUT_B
BST_A
BST_B
LC
SE
LC
SE
PVDD
PVDD
OUT_C
OUT_D
BST_C
BST_D
LC
BTL
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
10.2.3 2.1 Application
A 2.1 system generally refers to a system in which there are two full range speakers with a separate amplifier
path for the speakers which reproduce the low-frequency content. In this system, two channels are presented to
the amplifier via the digital input signal, these are driven into two single-ended speakers and are mixed into a
third channel, conditioned to stream low-frequency content into a differentially connected speaker.
The 2.1 application is shown in Figure 72.
Figure 72. Simplified 2.1 Application Diagram
10.2.3.1 Design Requirements
SPACE
Table 28. Design Requirements
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
8 V to 24 V
I2S Compliant Master
Host Processor
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speaker
4
Ω (BTL), 2 Ω (SE) minimum
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com