Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices ADF5355 Datasheet HTML 33Page - Analog Devices ADF5355 Datasheet HTML 34Page - Analog Devices ADF5355 Datasheet HTML 35Page - Analog Devices ADF5355 Datasheet HTML 36Page - Analog Devices ADF5355 Datasheet HTML 37Page - Analog Devices ADF5355 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
ADF5355
Data Sheet
RF SYNTHESIZER—A WORKED EXAMPLE
Use the following equations to program the ADF5355 synthesizer:
(
)
Divider
RF
f
MOD1
MOD2
FRAC2
FRAC1
INT
RF
PFD
OUT
/
×
+
+
=
(7)
where:
RFOUT is the RF output frequency.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD1 is the fixed 24-bit modulus.
MOD2 is the auxiliary modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
D is the REFIN doubler bit.
R is the REF reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where a 2112.8 MHz RF frequency output (RFOUT) is
required, a 122.88 MHz reference frequency input (REFIN)
is available. Note that the ADF5355 VCO operates in the
frequency range of 3.4 GHz to 6.8 GHz. Therefore, the RF divider
of 2 must be used (VCO frequency = 4225.6 MHz, RFOUT =
VCO frequency/RF divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 54).
In this example, the 122.88 MHz reference signal is divided by 2
to generate fPFD of 61.44 MHz. The desired channel spacing is
200 kHz.
Figure 54. Loop Closed Before Output Divider
The worked example follows:
•
N = VCOOUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
•
INT = int(VCO frequency/fPFD) = 68
•
FRAC = 0.7760416666666667
•
MOD1 = 16,777,216
•
FRAC1 = int(MOD1 × FRAC) = 13019818
•
Remainder = 0.6666666667 or 2/3
•
MOD2 = fPFD/GCD(fPFD, fCHSP) =
61.44 MHz/GCD(61.44 MHz, 200 kHz) = 1536
•
FRAC2 = Remainder × 1536 = 1024
From Equation 8,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44 MHz
2112.8 MHz = 61.44 MHz × ((I
NT + (FRAC1 +
FRAC2/MOD2)/224))/2
(9)
where:
INT = 68
FRAC1 = 13,019,817
MOD2 = 1536
FRAC2 = 1024
RF Divider = 2
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. The doubler is useful for increasing the PFD
comparison frequency. To improve the noise performance of
the system, increase the PFD frequency. Doubling the PFD
frequency typically improves noise performance by 3 dB.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency.
SPURIOUS OPTIMIZATION AND FAST LOCK
Narrow loop bandwidths can filter unwanted spurious signals;
however, these bandwidths typically have a long lock time. A
wider loop bandwidth achieves faster lock times but may lead
to increased spurious signals inside the loop bandwidth.
OPTIMIZING JITTER
For lowest jitter applications, use the highest possible PFD
frequency to minimize the contribution of in-band noise from
the PLL. Set the PLL filter bandwidth such that the in-band noise
of the PLL intersects with the open-loop noise of the VCO,
minimizing the contribution of both to the overall noise.
Use the ADIsimPLL design tool for this task.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Rev. A | Page 34 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com