Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 14Page - Analog Devices ADF5355 Datasheet HTML 15Page - Analog Devices ADF5355 Datasheet HTML 16Page - Analog Devices ADF5355 Datasheet HTML 17Page - Analog Devices ADF5355 Datasheet HTML 18Page - Analog Devices ADF5355 Datasheet HTML 19Page - Analog Devices ADF5355 Datasheet HTML 20Page - Analog Devices ADF5355 Datasheet HTML 21Page - Analog Devices ADF5355 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
ADF5355
Data Sheet
PROGRAM MODES
Table 5 and Figure 39 through Figure 53 show how the program
modes must be set up in the ADF5355.
The following settings in the ADF5355 are double buffered: main
fractional value (FRAC1), auxiliary modulus value (MOD2),
auxiliary fractional value (FRAC2), reference doubler, reference
divide by 2 (RDIV2), R counter value, and charge pump current
setting. Two events must occur before the ADF5355 uses a new
value for any of the double buffered settings. First, the new value
must latch into the device by writing to the appropriate register,
and second, a new write to Register 0 must be performed.
For example, to ensure that the modulus value loads correctly,
every time that the modulus value updates, Register 0 must be
written to. The RF divider select in Register 6 is also double
buffered, but only if DB14 of Register 4 is high.
VCO
The VCO core in the ADF5355 consists of four separate VCOs,
each of which uses 256 overlapping bands, which allows the
device to cover a wide frequency range without large VCO
sensitivity (KV) and without resultant poor phase noise and
spurious performance.
The correct VCO and band are chosen automatically by the
VCO and band select logic whenever Register 0 is updated and
automatic calibration is enabled. The VCO VTUNE is disconnected
from the output of the loop filter and is connected to an internal
reference voltage.
The R counter output is used as the clock for the band select
logic. After band selection, normal PLL action resumes. The
nominal value of KV is 15 MHz/V when the N divider is driven
from the VCO output, or the KV value is divided by D. D is
the output divider value if the N divider is driven from the
RF output divider (chosen by programming Bits[D23:D21] in
Register 6).
The VCO shows variation of KV as the tuning voltage, VTUNE,
varies within the band and from band to band. For wideband
applications covering a wide frequency range (and changing
output dividers), a value of 15 MHz/V provides the most accurate
KV, because this value is closest to the average value. Figure 36
shows how KV varies with fundamental VCO frequency along with
an average value for the frequency band. Users may prefer this
figure when using narrow-band designs.
Figure 36. VCO Sensitivity, KV vs. Frequency
OUTPUT STAGE
The RFOUTA+ and RFOUTA− pins of the ADF5355 connect to
the collectors of an NPN differential pair driven by buffered
outputs of the VCO, as shown in Figure 37. In this scheme,
the ADF5355 contains internal 50 Ω resistors connected to
the VRF pin. To optimize the power dissipation vs. the output
power requirements, the tail current of the differential pair is
programmable using Bits[D2:D1] in Register 6. Four current
levels can be set. These levels give approximate output power
levels of −4 dBm, −1 dBm, +2 dBm, and +5 dBm, respectively.
Levels of −4 dBm, −1 dBm, +2 dBm can be achieved using a
50 Ω resistor to VRF and ac coupling into a 50 Ω load. A +5 dBm
level requires an external shunt inductor to VRF. Note that an
inductor has a narrower operating frequency than a 50 Ω
resistor. For accurate power levels, refer to the Typical
Performance Characteristics section. Add an external shunt
inductor to provide higher power levels; however, this is less
wideband than the internal bias only. Terminate the unused
complementary output with a circuit similar to the used output.
Figure 37. Output Stage
The doubled VCO output (6.8 GHz to 13.6 GHz) is available on
the RFOUTB pin, which can be ac-coupled to the next circuit.
Figure 38. Output Stage
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
3.3
3.8
4.3
4.8
5.3
5.8
6.3
6.8
AVERAGE
VCO SENSITIVITY
LINEAR
TREND LINE
VCO
RFOUTA+
RFOUTA–
VRF
VRF
50Ω
50Ω
BUFFER/
DIVIDE BY
1/2/4/8/
16/32/64
2× VCO
MUX
RFOUTB
Rev. A | Page 18 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com