Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 24Page - Analog Devices ADF5355 Datasheet HTML 25Page - Analog Devices ADF5355 Datasheet HTML 26Page - Analog Devices ADF5355 Datasheet HTML 27Page - Analog Devices ADF5355 Datasheet HTML 28Page - Analog Devices ADF5355 Datasheet HTML 29Page - Analog Devices ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADF5355
Data Sheet
Rev. A | Page 28 of 38
Figure 47. Register 6
REGISTER 6
Control Bits
With Bits[C4:C1] set to 0110, Register 6 is programmed. Figure 47
shows the input data format for programming this register.
Reserved
Bit DB31 is reserved and must be set to 0.
Gated Bleed
Bleed currents can be used for improving phase noise and spurs;
however, due to a potential impact on lock time, the gated bleed
bit, BL10 (Bit DB30), if set to 1, ensures bleed currents are not
switched on until the digital lock detect asserts logic high. Note
that this function requires digital lock detect to be enabled.
Negative Bleed
Use of constant negative bleed is recommended for most
fractional-N applications because it improves the linearity of
the charge pump, leading to lower noise and spurious signals than
leaving it off. To enable negative bleed, write 1 to BL9 (Bit DB29),
and to disable negative bleed, write 0 to BL9 (Bit DB29).
Reserved
Bit DB28 is reserved and must be set to 1. Bits[DB27:DB25] are
reserved and must be set to 010.
Feedback Select
D13 (Bit DB24) selects the feedback from the output of the
VCO to the N counter. When D13 is set to 1, the signal is taken
directly from the VCO. When this bit is set to 0, the signal is
taken from the output of the output dividers. The dividers
enable coverage of the wide frequency band (3.4 GHz to 6.8 GHz).
When the divider is enabled and the feedback signal is taken
from the output, the RF output signals of two separately
configured PLLs are in phase. Divided feedback is useful in
some applications where the positive interference of signals is
required to increase the power.
Divider Select
D12 to D10 (Bits[DB23:DB21]) select the value of the RF output
divider (see Figure 47).
D3
RFOUTA+/RFOUTA–
0
DISABLED
1
ENABLED
RF
OUTPUT
POWER
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
00
1
0
D13
D12
D11
D10
BL1
0
D8
D7
0
0
0
D3
D2
D1
C4(0) C3(1) C2(1)
CONTROL
BITS
CHARGE PUMP BLEED CURRENT
RF DIVIDER
SELECT1
RESERVED
D2
D1
OUTPUT POWER
0
0
–4dBm
0
1
–1dBm
10+2dBm
11+5dBm
D7
RFOUTB
0
OFF
1
ON
D8
MUTE TILL
LOCK DETECT
0
MUTE DISABLED
1
MUTE ENABLED
D13
FEEDBACK
SELECT
0
FUNDAMENTAL
1
DIVIDED
C1(0)
D12
D11
RF DIVIDER SELECT
00
÷1
00
÷2
01
÷4
01
÷8
D10
0
1
0
1
1
1
1
0
0
1
÷16
÷32
÷64
0
1
0
BL8
BL7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
BL2
BL1 BLEED CURRENT
0
0
0
1
1
(3.75µA)
0
0
1
0
2
(7.5µA)
..
.
.
.
..
.
.
.
..
.
.
.
1
1
0
0
(945µA)
252
1
1
0
1
253
(948.75µA)
1
1
1
0
254
(952.5µA)
1
1
1
1
255
(956.25µA)
BL2
BL3
BL4
BL5
BL6
BL7
BL8
BL9
BL9 NEGATIVE BLEED
0
ENABLED
1
DISABLED
RESERVED
1
BL10 GATED BLEED
0
ENABLED
1
DISABLED
BL10
1BITS[DB23:DB21] ARE BUFFERED BY A WRITE TO REGISTER 0 WHEN THE DOUBLE BUFFER BIT, BIT DB14 OF REGISTER 4, IS ENABLED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com