Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices ADF5355 Datasheet HTML 33Page - Analog Devices ADF5355 Datasheet HTML 34Page - Analog Devices ADF5355 Datasheet HTML 35Page - Analog Devices ADF5355 Datasheet HTML 36Page - Analog Devices ADF5355 Datasheet HTML 37Page - Analog Devices ADF5355 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
ADF5355
SPUR MECHANISMS
This section describes the two different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF5355.
Integer Boundary Spurs
One mechanism for fractional spur creation is the interactions
between the RF VCO frequency and the reference frequency.
When these frequencies are not integer related (the purpose of a
fractional-N synthesizer), spur sidebands appear on the VCO
output spectrum at an offset frequency that corresponds to the
beat note or the difference in frequency between an integer
multiple of the reference and the VCO frequency. These spurs
are attenuated by the loop filter and are more noticeable on
channels close to integer multiples of the reference where the
difference frequency can be inside the loop bandwidth (thus
the name, integer boundary spurs).
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feedthrough mechanism
that bypasses the loop can cause a problem. Feedthrough of low
levels of on-chip reference switching noise, through the
prescaler back to the VCO, can result in reference spur levels
as high as −80 dBc.
LOCK TIME
The PLL lock time divides into a number of settings. All of
these settings are modeled in the ADIsimPLL design tool.
Much faster lock times than those detailed in this data sheet
are possible; contact Analog Devices for more information.
Lock Time—A Worked Example
Assume that fPFD = 61.44 MHz,
VCO Band Div = Ceiling(fPFD/2,400,000) = 26
where Ceiling() rounds up to the nearest integer.
By combining
ALC Wait > (50 µs × fPFD)/Timeout
Synthesizer Lock Timeout > (20 µs × fPFD)/Timeout
It is found that
ALC Wait = 2.5 × Synthesizer Lock Timeout
The ALC wait and synthesizer lock timeout values must be set
to fulfill this equation. Both values are 5 bits wide; therefore, the
maximum value for either is 31. There are several suitable values.
The following values meet the criteria:
ALC Wait = 30
Synthesizer Lock Timeout = 12
Finally, ALC Wait > (50 µs × fPFD)/Timeout, is rearranged for
Timeout = Ceiling((fPFD × 50 µs)/ALC Wait)
Timeout = Ceiling((61.44 MHz × 50 µs)/30) = 103
Synthesizer Lock Timeout
The synthesizer lock timeout ensures that the VCO calibration
DAC, which forces VTUNE, has settled to a steady value for the
band select circuitry.
The timeout and synthesizer lock timeout variables programmed
in Register 9 select the length of time the DAC is allowed to
settle to the final voltage, before the VCO calibration process
continues to the next phase, which is VCO band selection. The
PFD frequency is the clock for this logic, and the duration is set by
PFD
f
Timeout
Lock
r
Synthesize
Timeout ×
The calculated time must be equal to or greater than 20 µs.
VCO Band Selection
Use the PFD frequency again as the clock for the band selection
process. Calculate this value by
fPFD/(VCO Band Selection × 16) < 150 kHz
The band selection takes 11 cycles of the previously calculated
value. Calculate the duration by
11 × (VCO Band Selection × 16)/fPFD
Automatic Level Calibration Timeout
Use the automatic level calibration (ALC) function to choose
the correct bias current in the ADF5355 VCO core. Calculate
the time taken by
55 × ALC Wait × Timeout/fPFD
PLL Low-Pass Filter Settling Time
The time taken for the loop to settle is inversely proportional to
the low-pass filter bandwidth. The settling time is also modeled
in the ADIsimPLL design tool.
The total lock time for changing frequencies is the sum of the
four separate times (synthesizer lock, VCO band selection, ALC
timeout, and PLL settling time) and is all modeled in the
ADIsimPLL design tool.
Rev. A | Page 35 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com