Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 15Page - Analog Devices ADF5355 Datasheet HTML 16Page - Analog Devices ADF5355 Datasheet HTML 17Page - Analog Devices ADF5355 Datasheet HTML 18Page - Analog Devices ADF5355 Datasheet HTML 19Page - Analog Devices ADF5355 Datasheet HTML 20Page - Analog Devices ADF5355 Datasheet HTML 21Page - Analog Devices ADF5355 Datasheet HTML 22Page - Analog Devices ADF5355 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Data Sheet
ADF5355
Another feature of the ADF5355 is that the supply current to
the RFOUTA+/RFOUTA− output stage can shut down until the
ADF5355 achieves lock as measured by the digital lock detect
circuitry. The mute till lock detect (MTLD) bit (Bit DB11) in
Register 6 enables this function.
RFOUTB directly connects to the VCO, and it can be muted but
only by using the RFOUTB bit (Bit DB10) in Register 6.
Table 6. Total IDD (RFOUTA± Refers to RFOUTA+/RFOUTA−)
Divide By
RFOUTA± Off
RFOUTA± = −4 dBm
RFOUTA± = −1 dBm
RFOUTA± = +2 dBm
RFOUTA± = +5 dBm
5 V Supply (IVCO and IP)
78 mA
78 mA
78 mA
78 mA
78 mA
3.3 V Supply (AIDD, DIDD, IRF)
1
79.8 mA
101.3 mA
111.9 mA
122.7 mA
132.8 mA
2
87.8 mA
110.1 mA
120.6 mA
131.9 mA
141.9 mA
4
97.1 mA
119.3 mA
130.1 mA
141.6 mA
152.1 mA
8
104.9 mA
127.1 mA
137.8 mA
149.2 mA
159.7 mA
16
109.8 mA
131.8 mA
142.7 mA
154.1 mA
164.6 mA
32
113.6 mA
135.5 mA
146.5 mA
157.8 mA
168.4 mA
64
115.9 mA
137.8 mA
148.9 mA
160.1 mA
170.8 mA
Rev. A | Page 19 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com