Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 21Page - Analog Devices ADF5355 Datasheet HTML 22Page - Analog Devices ADF5355 Datasheet HTML 23Page - Analog Devices ADF5355 Datasheet HTML 24Page - Analog Devices ADF5355 Datasheet HTML 25Page - Analog Devices ADF5355 Datasheet HTML 26Page - Analog Devices ADF5355 Datasheet HTML 27Page - Analog Devices ADF5355 Datasheet HTML 28Page - Analog Devices ADF5355 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Data Sheet
ADF5355
Rev. A | Page 25 of 38
Figure 44. Register 3
REGISTER 3
Control Bits
With Bits[C4:C1] set to 0011, Register 3 is programmed. Figure 44
shows the input data format for programming this register.
Reserved
Bit DB31 is reserved and must be set to 0.
SD Load Reset
When writing to Register 0, the Σ-Δ modulator resets. For
applications in which the phase is continually adjusted, this may
not be desirable; therefore, in these cases, the Σ-Δ reset can be
disabled by writing a 1 to the SD1 bit (Bit DB30).
Phase Resync
To use the phase resynchronization feature, the PR1 bit (Bit DB29)
must be set to 1. If unused, the bit can be programmed to 0. The
phase resync timer must also be used in Register 12 to ensure
that the resynchronization feature is applied after PLL has settled to
the final frequency. If the PLL has not settled to the final frequency,
phase resync may not function correctly. Resynchronization is
useful in phased array and beam forming applications. It ensures
repeatability of output phase when programming the same
frequency. In phase critical applications that use frequencies
requiring the output divider (<3400 MHz), it is necessary to
feed the N divider with the divided VCO frequency as distinct
from the fundamental VCO frequency. This is achieved by
programming the D13 bit (Bit DB24) in Register 6 to 0, which
ensures divided feedback to the N divider.
For resync applications, enable the SD load reset in Register 3
by setting DB30 to 0.
Phase Adjust
To adjust the relative output phase of the ADF5355 on each
Register 0 update, set the PA1 bit (Bit DB28) to 1. This feature
differs from the resynchronization feature in that it is useful
when adjustments to phase are made continually in an
application. For this function, disable the VCO automatic
calibration by setting the AC1 bit (Bit DB21) in Register 0 to 0,
and disable the SD load reset by setting the SD1 bit (Bit DB30)
in Register 3 to 1. Note that phase resync and phase adjust
cannot be used simultaneously.
24-Bit Phase Value
The phase of the RF output frequency can adjust in 24-bit steps,
from 0° (0) to 360° (224 − 1). For phase adjust applications, the
phase is set by
(
Phase Value/16,777,216) × 360°
When the phase value is programmed to Register 3, each
subsequent adjustment of Register 0 increments the phase by
the value in this equation.
P24
P23
..........
P2
P1
PHASE VALUE (PHASE)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16777212
1
1
..........
0
1
16777213
1
1
..........
1
0
16777214
1
1
.........
1
1
16777215
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
PA1
P24
P23
P22
P21
24-BIT PHASE VALUE (PHASE)
CONTROL
BITS
P20
P19
P18
P17
P16
P15
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
C3(0) C2(1) C1(1)
C4(0)
PR1
SD1
0
DBR1
PA1
PHASE
ADJUST
0
DISABLED
1
ENABLED
PR1
PHASE
RESYNC
0
DISABLED
1
ENABLED
SD1
SD LOAD
RESET
0
ON REGISTER0 UPDATE
1
DISABLED
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com