Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 36 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices ADF5355 Datasheet HTML 33Page - Analog Devices ADF5355 Datasheet HTML 34Page - Analog Devices ADF5355 Datasheet HTML 35Page - Analog Devices ADF5355 Datasheet HTML 36Page - Analog Devices ADF5355 Datasheet HTML 37Page - Analog Devices ADF5355 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
ADF5355
Data Sheet
APPLICATIONS INFORMATION
POWER SUPPLIES
The ADF5355 contains four multiband VCOs that together cover
an octave range of frequencies. To ensure best performance, it is
vital to connect a low noise regulator, such as the ADM7150, to
the VVCO pin. Connect the same regulator to VVCO, VREGVCO, and VP.
For the 3.3 V supply pins, use one or two ADM7150 regulators.
Figure 55 shows the recommended connections.
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES FOR A CHIP-SCALE PACKAGE
The lands on the 32-lead lead frame chip-scale package are
rectangular. The PCB pad for these lands must be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. Center each land on the pad to
maximize the solder joint size.
The bottom of the chip-scale package has a central exposed
thermal pad. The thermal pad on the PCB must be at least as
large as the exposed pad. On the PCB, there must be a minimum
clearance of 0.25 mm between the thermal pad and the inner
edges of the pad pattern. This clearance ensures the avoidance
of shorting.
To improve the thermal performance of the package, use thermal
vias on the PCB thermal pad. If vias are used, incorporate them
into the thermal pad at the 1.2 mm pitch grid. The via diameter
must be between 0.3 mm and 0.33 mm, and the via barrel must
be plated with 1 oz. of copper to plug the via.
For a microwave PLL and VCO synthesizer, such as the ADF5355,
take care with the board stack-up and layout. Do not consider
using FR4 material because it is too lossy above 3 GHz. Instead,
Rogers 4350, Rogers 4003, or Rogers 3003 dielectric material is
suitable.
Take care with the RF output traces to minimize discontinuities
and ensure the best signal integrity. Via placement and grounding
are critical.
Figure 55. ADF5355 Power Supplies
33nF
6800pF
1µF
430
Ω
68
Ω
ADF5355
VVCO
CPGND
AGND
RFOUTB
CPOUT
1nF
1nF
4.7k
Ω
RSET
LE
DATA
CLK
REFINA
FREFIN
VTUNE
DVDD
AVDD CE
MUXOUT
16
27
17
29
1
2
3
22
8
31
9
13
18
21
LOCK
DETECT
AGNDVCO AGNDRF
14
15
19
23
24
25
30
10
20
7
PDBRF
26
SDGND
VREGVCO
VBIAS
VREF
6
32
CREG1
VP
10pF
0.1µF 10pF
0.1µF 10pF
0.1µF
4
RFOUTA–
RFOUTA+
12
11
7.5nH
7.5nH
1nF
1nF
COUT
1µF
CIN
1µF
VOUT = 5.0V
VIN = 6.0V
VOUT
REF
VIN
GND
EN
OFF
ON
VOUT
ADM7150
REF_SENSE
CBYP
1µF
CREG
10µF
BYP
VREG
VRF
100nF
100nF
CREG2
REFINB
1nF
1nF
FREFIN
28
10pF
COUT
1µF
CIN
1µF
VOUT = 3.3V
VIN = 6.0V
VOUT
REF
VIN
GND
EN
OFF
ON
ADM7150
REF_SENSE
CBYP
1µF
CREG
10µF
BYP
VREG
5
AVDD
100
Ω
Rev. A | Page 36 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com