Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices ADF5355 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADF5355
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VRF, DVDD, AVDD to GND1
−0.3 V to +3.6 V
AVDD to DVDD
−0.3 V to +0.3 V
VP, VVCO to GND1
−0.3 V to +5.8 V
VP, VVCO to AVDD
−0.3 V to AVDD + 2.5 V
CPOUT to GND1
−0.3 V to VP + 0.3 V
Digital Input/Output Voltage to GND1
−0.3 V to DVDD + 0.3 V
Analog Input/Output Voltage to GND1
−0.3 V to AVDD + 0.3 V
REFINA, REFINB to GND1
−0.3 V to AVDD + 0.3 V
REFINA to REFINB
±2.1 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
θJA, Thermal Impedance Paddle
Soldered to GND1
27.3°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model
1000 V
Human Body Model
2500 V
1
GND = AGND = SDGND = AGNDRF = AGNDVCO = CPGND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
The ADF5355 is a high performance RF integrated circuit with
an ESD rating of 2.5 kV and is ESD sensitive. Take proper
precautions for handling and assembly.
TRANSISTOR COUNT
The transistor count for the ADF5355 is 103,665 (CMOS) and
3214 (bipolar).
ESD CAUTION
Rev. A | Page 8 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com