Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 12Page - Analog Devices ADL5246 Datasheet HTML 13Page - Analog Devices ADL5246 Datasheet HTML 14Page - Analog Devices ADL5246 Datasheet HTML 15Page - Analog Devices ADL5246 Datasheet HTML 16Page - Analog Devices ADL5246 Datasheet HTML 17Page - Analog Devices ADL5246 Datasheet HTML 18Page - Analog Devices ADL5246 Datasheet HTML 19Page - Analog Devices ADL5246 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 16 of 36
0
5
10
15
20
25
30
35
40
45
1.80
1.85
1.90
1.95
2.00
FREQUENCY (GHz)
GAIN, 5.0V
OP1dB, 5.0V
OIP3, 5.0V
NOISE FIGURE, 5.0V
GAIN, 3.3V
OP1dB, 3.3V
OIP3, 3.3V
NOISE FIGURE, 3.3V
Figure 39. AMP3 1.9 GHz Gain, OIP3 at POUT = 0 dBm/Tone, OP1dB, and
Noise Figure vs. Frequency
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
8
10
12
14
16
18
20
22
24
0
2
4
6
8
10
12
14
16
1.80
1.85
1.90
1.95
2.00
Figure 40. AMP3 1.9 GHz Gain vs. Frequency by Temperature
–30
–25
–20
–15
–10
–5
0
1.80
1.85
1.90
1.95
2.00
FREQUENCY (GHz)
S11 (dB)
S12 (dB)
S22 (dB)
Figure 41. AMP3 1.9 GHz Magnitude of Input Return Loss (S11),
Output Return Loss (S22), and Reverse Isolation (S12) vs. Frequency
22
24
26
28
30
32
34
36
38
40
42
1.80
1.85
1.90
1.95
2.00
FREQUENCY (GHz)
OIP3, 5.0V
OP1dB, 5.0V
OIP3, 3.3V
OP1dB, 3.3V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
Figure 42. AMP3 1.9 GHz OIP3 at POUT = 0 dBm/Tone and OP1dB vs.
Frequency by Temperature
20
25
30
35
40
45
–10
–5
0
5
101520
POUT (dBm)
1.8GHz, 5.0V
1.9GHz, 5.0V
2.0GHz, 5.0V
1.8GHz, 3.3V
1.9GHz, 3.3V
2.0GHz, 3.3V
Figure 43. AMP3 1.9 GHz OIP3 vs. POUT by Frequency
3
4
5
6
7
8
9
10
1.80
1.85
1.90
1.95
2.00
TA = –40°C, 5.0V
TA = +25°C, 5.0V
TA = +85°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 3.3V
TA = +25°C, 3.3V
TA = +85°C, 3.3V
TA = +105°C, 3.3V
FREQUENCY (GHz)
Figure 44. AMP3 1.9 GHz Noise Figure vs. Frequency by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com