Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 26Page - Analog Devices ADL5246 Datasheet HTML 27Page - Analog Devices ADL5246 Datasheet HTML 28Page - Analog Devices ADL5246 Datasheet HTML 29Page - Analog Devices ADL5246 Datasheet HTML 30Page - Analog Devices ADL5246 Datasheet HTML 31Page - Analog Devices ADL5246 Datasheet HTML 32Page - Analog Devices ADL5246 Datasheet HTML 33Page - Analog Devices ADL5246 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 30 of 36
Component
Function
Default Value
L6, C3
AMP3 input matching elements.
L6 = 1 nH,
C3 = 1.5 pF
C24, C25, C26
Power supply decoupling capacitors for AMP1. Of these three capacitors, C24 must be
located closest to the device.
C24 = 100 pF,
C25 = 1000 pF,
C26 = 0.1 µF
L4
The bias for AMP3 comes through L4 when connected to a 5 V supply. L4 must be high
impedance for the frequency of operation, while providing low resistance for the dc current.
L4 = 100 nH
C1, R1
C1 is the output matching element for AMP3. R1 is a placeholder for the optional tuning
configurations.
C1 = 2.7 pF,
R1 = 0 Ω
C10, C12, C18,
C19, C27 to C34,
L7, L8
Optional components for loop integration.
C10, C12, C18, C19, C27
to C34, L7, and L8 = DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com