Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 23Page - Analog Devices ADL5246 Datasheet HTML 24Page - Analog Devices ADL5246 Datasheet HTML 25Page - Analog Devices ADL5246 Datasheet HTML 26Page - Analog Devices ADL5246 Datasheet HTML 27Page - Analog Devices ADL5246 Datasheet HTML 28Page - Analog Devices ADL5246 Datasheet HTML 29Page - Analog Devices ADL5246 Datasheet HTML 30Page - Analog Devices ADL5246 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 27 of 36
28
27
26
25
21
22
23
24
RFOUT3
RFIN3
VCC2
C1
2.2pF
L6
1nH
GND
ADL5246
λ2
λ3
C23
100pF
R1
0Ω
GND
GND
GND
VPOS2
λ1
C3
1pF
C21
100pF
L4
100nH
NIC
Figure 79. AMP3 Matching Circuit at 2.6 GHz
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
EVM is a measure used to quantify the performance of a digital
radio transmitter or receiver. A signal received by a receiver has
all constellation points at their ideal locations; however, various
imperfections in the implementation (such as magnitude
imbalance, noise floor, and phase imbalance) cause the actual
constellation points to deviate from their ideal locations.
Figure 80 shows the EVM vs. the mean output power for a full
chain connection (AMP1 driving AMP2 driving AMP3)
operating at 2.2 GHz.
In general, a receiver exhibits three distinct EVM limitations vs.
received input signal power.
•
At strong signal levels, the distortion components falling in
band due to nonlinearities in the device components cause
strong degradation to EVM as signal levels increase.
•
At medium signal levels, where the signal chain behaves in a
linear manner and the signal is well above any notable noise
contributions, EVM has a tendency to reach an optimum level
determined dominantly by the quadrature accuracy and the
precision of the test equipment. As signal levels decrease such
that noise is a major contribution, the EVM performance vs.
the signal level exhibits a decibel for decibel degradation
with decreasing signal level.
•
At lower signal levels, where noise proves to be the dominant
limitation, the decibel EVM proves to be directly proportional
to the SNR.
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
MEAN OUTPUT POWER (dBm)
Figure 80. EVM vs. Mean Output Power (POUT) of Full Chain Connection at
2.2 GHz, 64 QAM, 5 MSPS, α = 0.2 Root Raised Cosine Filter, PIN = −3.7 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com