Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 21Page - Analog Devices ADL5246 Datasheet HTML 22Page - Analog Devices ADL5246 Datasheet HTML 23Page - Analog Devices ADL5246 Datasheet HTML 24Page - Analog Devices ADL5246 Datasheet HTML 25Page - Analog Devices ADL5246 Datasheet HTML 26Page - Analog Devices ADL5246 Datasheet HTML 27Page - Analog Devices ADL5246 Datasheet HTML 28Page - Analog Devices ADL5246 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 25 of 36
28
27
26
25
21
22
23
24
RFOUT3
RFIN3
VCC2
C1
8.2pF
L6
3.3nH
GND
ADL5246
λ2
λ3
NIC
C23
100pF
R1
0Ω
C21
2Ω
GND
GND
GND
VPOS2
L4
100nH
λ1
C3
9pF
Figure 75. AMP3 Matching Circuit at 0.75 GHz
28
27
26
25
21
22
23
24
RFOUT3
RFIN3
VCC2
C1
6pF
L6
3.3nH
GND
ADL5246
λ2
λ3
C23
100pF
R1
0Ω
C21
2Ω
GND
GND
GND
VPOS2
λ1
C3
6pF
L4
100nH
NIC
Figure 76. AMP3 Matching Circuit at 0.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com