Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 18Page - Analog Devices ADL5246 Datasheet HTML 19Page - Analog Devices ADL5246 Datasheet HTML 20Page - Analog Devices ADL5246 Datasheet HTML 21Page - Analog Devices ADL5246 Datasheet HTML 22Page - Analog Devices ADL5246 Datasheet HTML 23Page - Analog Devices ADL5246 Datasheet HTML 24Page - Analog Devices ADL5246 Datasheet HTML 25Page - Analog Devices ADL5246 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 22 of 36
TERMINOLOGY
Full Chain Configuration
The full chain configuration is a serial connection of Amplifier 1
(AMP1), Amplifier 2 (AMP2), and Amplifier 3 (AMP3), in that
order. The performance data shown in Table 1 and Figure 57
through Figure 59 are measured without any filters or attenuators
between amplifiers.
High Gain (HG) Mode
The amplifier within AMP2 is active and not bypassed. In
addition, the input and output attenuators are active.
Low Gain (LG) Mode
The amplifier within AMP2 is bypassed and inactive. However,
the input and output attenuators remain active.
Maximum Gain
When AMP2is in HG mode, VGAIN1 = VGAIN2 = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com