Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 3 Page - Analog Devices

  ADL5246 Datasheet HTML 1Page - Analog Devices ADL5246 Datasheet HTML 2Page - Analog Devices ADL5246 Datasheet HTML 3Page - Analog Devices ADL5246 Datasheet HTML 4Page - Analog Devices ADL5246 Datasheet HTML 5Page - Analog Devices ADL5246 Datasheet HTML 6Page - Analog Devices ADL5246 Datasheet HTML 7Page - Analog Devices ADL5246 Datasheet HTML 8Page - Analog Devices ADL5246 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 3 of 36
SPECIFICATIONS
VPOS = 5 V, TA = 25°C, unless otherwise noted. Amplifier 1 = AMP1, Amplifier 2 = AMP2, and Amplifier 3 = AMP3.
Table 1.
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
0.6
3
0.6
3
GHz
AMP1 FREQUENCY = 0.75 GHz
RFIN1 and RFOUT1 pins
Gain
19.5
20
dB
vs. Frequency
±50 MHz
±0.3
±0.3
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.6
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.1
±0.05
dB
Input Return Loss
S11
−21
−22
dB
Output Return Loss
S22
−9
−9
dB
Output 1 dB Compression
Point
18.5
21.5
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
31
34.5
dBm
Noise Figure
1.4
1.5
dB
AMP1 FREQUENCY = 0.9 GHz
RFIN1 and RFOUT1 pins
Gain
19
18.5
dB
vs. Frequency
±50 MHz
±0.4
±0.4
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.5
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.1
±0.05
dB
Input Return Loss
S11
−21
−24
dB
Output Return Loss
S22
−11
−10
dB
Output 1 dB Compression
Point
19
22
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
32
35
dBm
Noise Figure
0.9
1.2
dB
AMP1 FREQUENCY = 1.5 GHz
RFIN1 and RFOUT1 pins
Gain
15
14.5
dB
vs. Frequency
±100 MHz
±0.7
±0.4
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.4
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.1
±0.1
dB
Input Return Loss
S11
−14.5
−16
dB
Output Return Loss
S22
−14
−12
dB
Output 1 dB Compression
Point
19
22.5
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
33
37
dBm
Noise Figure
0.8
0.85
dB
AMP1 FREQUENCY = 1.9 GHz
RFIN1 and RFOUT1 pins
Gain
12.5
13
dB
vs. Frequency
±100 MHz
±0.5
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.5
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.1
±0.05
dB
Input Return Loss
S11
−13
−14
dB
Output Return Loss
S22
−14
−12
dB
Output 1 dB Compression
Point
19
22.5
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
34
37.5
dBm
Noise Figure
0.9
0.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com