Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 15Page - Analog Devices ADL5246 Datasheet HTML 16Page - Analog Devices ADL5246 Datasheet HTML 17Page - Analog Devices ADL5246 Datasheet HTML 18Page - Analog Devices ADL5246 Datasheet HTML 19Page - Analog Devices ADL5246 Datasheet HTML 20Page - Analog Devices ADL5246 Datasheet HTML 21Page - Analog Devices ADL5246 Datasheet HTML 22Page - Analog Devices ADL5246 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 19 of 36
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
15
20
25
30
35
40
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
GAIN, 5.0V
OP1dB, 5.0V
OIP3, 5.0V
NOISE FIGURE, 5.0V
GAIN, 3.3V
OP1dB, 3.3V
OIP3, 3.3V
NOISE FIGURE, 3.3V
Figure 57. Full Chain 2.2 GHz Gain, OIP3 at POUT = 5 dBm/Tone, OP1dB, and
Noise Figure vs. Frequency at Maximum Gain
–70
–60
–50
–40
–30
–20
–10
0
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
S11 (dB)
S12 (dB)
S22 (dB)
Figure 58. Full Chain 2.2 GHz Magnitude of Input Return Loss (S11), Output
Return Loss (S22), and Reverse Isolation (S12) vs. Frequency at Maximum Gain
26
28
30
32
34
36
38
40
–10
–5
0
5
101520
POUT (dBm)
2.1GHz, 5.0V
2.2GHz, 5.0V
2.3GHz, 5.0V
2.1GHz, 3.3V
2.2GHz, 3.3V
2.3GHz, 3.3V
Figure 59. Full Chain 2.2 GHz OIP3 vs. POUT by Frequency at Maximum Gain
20
25
30
35
40
45
50
55
60
TEMPERATURE (°C)
3.135V
3.300V
3.465V
4.750V
5.000V
5.250V
Figure 60. AMP1 Supply Current vs. Temperature by Voltage
20
30
40
50
60
70
80
–10
–5
0
5
10
152025
POUT (dBm)
TA = –40°C, 5.0V
TA = +25°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 3.3V
TA = +25°C, 3.3V
TA = +105°C, 3.3V
Figure 61. AMP1 Supply Current vs. POUT by Temperature
20
40
60
80
100
120
140
160
180
TEMPERATURE (°C)
3.135V
3.300V
3.465V
4.750V
5.000V
5.250V
Figure 62. AMP3 Supply Current vs. Temperature by Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com