Electronic Components Datasheet Search
  English  ▼

X  

ADL5246 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 24Page - Analog Devices ADL5246 Datasheet HTML 25Page - Analog Devices ADL5246 Datasheet HTML 26Page - Analog Devices ADL5246 Datasheet HTML 27Page - Analog Devices ADL5246 Datasheet HTML 28Page - Analog Devices ADL5246 Datasheet HTML 29Page - Analog Devices ADL5246 Datasheet HTML 30Page - Analog Devices ADL5246 Datasheet HTML 31Page - Analog Devices ADL5246 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 28 of 36
THERMAL INFORMATION AND RECOMMENDED
PCB LAND PATTERN
The majority of the heat generated during operation is removed via
the exposed paddle on the bottom of the package. Figure 81 shows
the recommended land pattern for the ADL5246. To minimize
thermal impedance, the exposed paddle on the 5 mm × 5 mm
LFCSP package is soldered down to a ground plane. To improve
thermal dissipation, 25 thermal vias are arranged in a 5 × 5 array
under the exposed paddle. The land pattern on the ADL5246
evaluation board provides a thermal resistance (θJA) of 16.5°C/W.
For the best thermal performance, add as many thermal vias as
possible under the exposed pad of the LFCSP. If multiple ground
layers exist, tie them together using vias. For more information
on land pattern design and layout, see the AN-772 Application
Note, A Design and Manufacturing Guide for the Lead Frame
Chip Scale Package (LFCSP).
25 mils
12 mils
19.69
mils
12.0
mils
35 mils
16.46 mils
192.92
mils
122.0 mils
122.0 mils
137.8 mils
Figure 81. Recommended Land Pattern Under ADL5246
FULL CHAIN OPERATION CONSIDERATIONS
The gain of a cascaded series of amplifiers may differ from a simple
summation of the gain of each amplifier in the chain due to
impedance matching considerations.
Take the following precautions in the PCB layout of a full chain
connection of AMP1 driving AMP2 driving AMP3:
•
The VPOS2 pin may couple RF from the three amplifiers into
AMP2 and lead to instability. Therefore, it is recommended
that the VPOS2 trace be well shielded from the other
amplifiers. To accomplish this with the ADL5246 evaluation
board, the VPOS2 trace passes through a via to the bottom
side of the PCB close to Pin 28.
•
At frequencies below 1.5 GHz, there can be more than 40 dB
of gain from the full chain connection. With so much gain
available, take care to maintain stable operation. Coupling
from trace to trace on the PCB can be a significant factor
leading to instability. Minimizing coupling between the
amplifiers through good PCB layout is important. It can be
helpful to reduce the overall gain with resistance before AMP3
(such as R10 on the evaluation board) or to include filters
or attenuators between the amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com