Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 28Page - Texas Instruments DLPC3433 Datasheet HTML 29Page - Texas Instruments DLPC3433 Datasheet HTML 30Page - Texas Instruments DLPC3433 Datasheet HTML 31Page - Texas Instruments DLPC3433 Datasheet HTML 32Page - Texas Instruments DLPC3433 Datasheet HTML 33Page - Texas Instruments DLPC3433 Datasheet HTML 34Page - Texas Instruments DLPC3433 Datasheet HTML 35Page - Texas Instruments DLPC3433 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
NOTE
VSYNC_WE must remain active at all times (in lock-to-VSYNC mode) or the display
sequencer will stop and cause the LEDs to be turned off.
8.3.2 Serial Flash Interface
DLPC343x uses an external SPI serial flash memory device for configuration support. The minimum required
size is dependent on the desired minimum number of sequences, CMT tables, and splash options while the
maximum supported is 16 Mb.
For access to flash, the DLPC343x uses a single SPI interface operating at a programmable frequency
complying to industry standard SPI flash protocol. The programmable SPI frequency is defined to be equal to
180 MHz/N, where N is a programmable value between 5 to 127 providing a range from 36.0 to 1.41732 MHz.
Note that this results in a relatively large frequency step size in the upper range (for example, 36 MHz, 30 MHz,
25.7 MHz, 22.5 MHz, and so forth) and thus this must be taken into account when choosing a flash device.
The DLPC343x supports two independent SPI chip selects; however, the flash must be connected to SPI chip
select zero (SPI0_CSZ0) because the boot routine is only executed from the device connected to chip select
zero (SPI0_CSZ0). The boot routine uploads program code from flash to program memory, then transfers control
to an auto-initialization routine within program memory. The DLPC343x asserts the HOST_IRQ output signal high
while auto-initialization is in progress, then drives it low to signal its completion to the host processor. Only after
auto-initialization is complete will the DLPC343x be ready to receive commands through I2C.
The DLPC343x should support any flash device that is compatible with the modes of operation, features, and
performance as defined in Table 4 and Table 5.
Table 4. SPI Flash Required Features or Modes of Operation
FEATURE
DLPC343x REQUIREMENT
SPI interface width
Single
SPI protocol
SPI mode 0
Fast READ addressing
Auto-incrementing
Programming mode
Page mode
Page size
256 B
Sector size
4 KB sector
Block size
any
Block protection bits
0 = Disabled
Status register bit(0)
Write in progress (WIP) {also called flash busy}
Status register bit(1)
Write enable latch (WEN)
Status register bits(6:2)
A value of 0 disables programming protection
Status register bit(7)
Status register write protect (SRWP)
The DLPC343x only supports single-byte status register R/W command execution, and thus may not be
Status register bits(15:8)
compatible with flash devices that contain an expansion status byte. However, as long as expansion status
(that is expansion status byte)
byte is considered optional in the byte 3 position and any write protection control in this expansion status
byte defaults to unprotected, then the device should be compatible with DLPC343x.
To support flash devices with program protection defaults of either enabled or disabled, the DLPC343x always
assumes the device default is enabled and goes through the process of disabling protection as part of the boot-
up process. This process consists of:
•
A write enable (WREN) instruction executed to request write enable, followed by
•
A read status register (RDSR) instruction is then executed (repeatedly as needed) to poll the write enable
latch (WEL) bit
•
After the write enable latch (WEL) bit is set, a write status register (WRSR) instruction is executed that writes
0 to all 8-bits (this disables all programming protection)
Prior to each program or erase instruction, the DLPC343x issues:
•
A write enable (WREN) instruction to request write enable, followed by
32
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com