Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 3Page - Texas Instruments DLPC3433 Datasheet HTML 4Page - Texas Instruments DLPC3433 Datasheet HTML 5Page - Texas Instruments DLPC3433 Datasheet HTML 6Page - Texas Instruments DLPC3433 Datasheet HTML 7Page - Texas Instruments DLPC3433 Datasheet HTML 8Page - Texas Instruments DLPC3433 Datasheet HTML 9Page - Texas Instruments DLPC3433 Datasheet HTML 10Page - Texas Instruments DLPC3433 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
Pin Functions – Board Level Test, Debug, and Initialization (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Test pin 1 (includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
TSTPT_1
R13
B1
Note: An external pullup should not be applied to this pin to avoid putting the DLPC343x in a
test mode.
Without external pullup(2)
With external pullup(3)
Feeds TMSEL(1)
Feeds TMSEL(1)
Test pin 2 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
TSTPT_2
R14
B1
Note: An external pullup should not be applied to this pin to avoid putting the DLPC343x in a
test mode.
Without external pullup(2)
With external pullup(3)
Feeds TMSEL(2)
Feeds TMSEL(2)
Test pin 3 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
TSTPT_3
R15
B1
RESETZ and then driven as an output.
Normal use: reserved for for test output. Should be left open or unconnected for normal use.
Test pin 4 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
TSTPT_4
P14
B1
RESETZ and then driven as an output.
Normal use: reserved for for test output. Should be left open or unconnected for normal use.
Test pin 5 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
TSTPT_5
P15
B1
RESETZ and then driven as an output.
Normal use: reserved for test output. Should be left open or unconnected for normal use.
Test pin 6 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
RESETZ and then driven as an output.
TSTPT_6
N14
B1
Normal use: reserved for test output. should be left open or unconnected for normal use.
Alternative use: none. External logic shall not unintentionally pull this pin high to avoid putting
the DLPC343x in a test mode.
Test pin 7 (Includes weak internal pulldown) – tri-stated while RESETZ is asserted low.
Sampled as an input test mode selection control approximately 1.5 µs after de-assertion of
TSTPT_7
N15
B1
RESETZ and then driven as an output.
Normal use: reserved for test output. should be left open or unconnected for normal use.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com