Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 31Page - Texas Instruments DLPC3433 Datasheet HTML 32Page - Texas Instruments DLPC3433 Datasheet HTML 33Page - Texas Instruments DLPC3433 Datasheet HTML 34Page - Texas Instruments DLPC3433 Datasheet HTML 35Page - Texas Instruments DLPC3433 Datasheet HTML 36Page - Texas Instruments DLPC3433 Datasheet HTML 37Page - Texas Instruments DLPC3433 Datasheet HTML 38Page - Texas Instruments DLPC3433 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
CAIC evaluates images frame by frame and derives three unique digital gains, one for each of the R, G, and B
color channels. During CAIC image processing, each gain is applied to all pixels in the associated color channel.
CAIC derives each color channel’s gain that is applied to all pixels in that channel so that the pixels as a group
collectively shift upward and as close to full scale as possible. To prevent any image quality degradation, the
gains are set at the point where just a few pixels in each color channel are clipped. Figure 17 and Figure 18
show an example of the application of CAIC for one color channel.
Figure 17. Input Pixels Example
Figure 18. Displayed Pixels After CAIC Processing
Figure 18 shows the gain that is applied to a color processing channel inside the DLPC343x. CAIC will also
adjust the power for the R, G, and B LED. For each color channel of an individual frame, CAIC will intelligently
determine the optimal combination of digital gain and LED power. The decision regarding how much digital gain
to apply to a color channel and how much to adjust the LED power for that color is heavily influenced by the
software command settings sent to the DLPC343x for configuring CAIC.
As CAIC applies a digital gain to each color channel independently, and adjusts each LED’s power
independently, CAIC also makes sure that the resulting color balance in the final image matches the target color
balance for the projector system. Thus, the effective displayed white point of images is held constant by CAIC
from frame to frame.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com