Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 41Page - Texas Instruments DLPC3433 Datasheet HTML 42Page - Texas Instruments DLPC3433 Datasheet HTML 43Page - Texas Instruments DLPC3433 Datasheet HTML 44Page - Texas Instruments DLPC3433 Datasheet HTML 45Page - Texas Instruments DLPC3433 Datasheet HTML 46Page - Texas Instruments DLPC3433 Datasheet HTML 47Page - Texas Instruments DLPC3433 Datasheet HTML 48Page - Texas Instruments DLPC3433 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
500 ms Min
PLL_REFCLK may be active
before power is applied.
HOST_IRQ is driven high when
power and RESETZ are applied to
indicate the DPP343x is not ready for
operation, and then is driven low after
initialization is complete.
0 µs Min
0 µs
Max
PARKZ must be set low a
minimum of 32 µs before any
power is removed (except
VDDLP12), before PLL_REFCLK
is stopped and before RESETZ is
asserted low to allow time for the
DMD mirrors to be parked.
0 µs Min
5 ms Min
PLL_REFCLK must become stable within
5 ms of all power being applied (for
external oscillator application this is
oscillator dependent and for crystal
applications this is crystal and ASIC
oscillator cell dependent).
I2C access can start immediately
after HOST_IRQ goes low (this
should occur within 500 ms from the
release of RESETZ)
HOST_IRQ is pulled high
immediately after RESETZ is
asserted low.
PARKZ
PLL_REFCLK
RESETZ
I2C (activity)
HOST_IRQ
VDD_PLLM/D (1.1 V)
VDD (1.1 V)
VCC18 (1.8 V)
VDDLP12 (if not tied to VDD)
Point at which all supplies reach 95% of
their specified nominal values.
PARKZ must be set high a minimum
of 0 µs before RESETZ is released to
support auto-initialization.
PROJ_ON input
(GPIO_8)
VCC_INTF (1.8 to 3.3 V)
VCC_FLSH (1.8 to 3.3 V)
I2C activity should cease
immediately upon active low
assertion of PARKZ.
0 µs
Min
VCC18 must remain ON long
enough to satisfy DMD power
sequencing requirements defined
in the DLPA2000 specification.
32 µs Min
0 µs
Min
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
System Power-Up and Power-Down Sequence (continued)
Figure 24. DLPC343x Power-Up / PARKZ = 0 initiated Fast PARK and Power-Down
10.2 DLPC343x Power-Up Initialization Sequence
It is assumed that an external power monitor will hold the DLPC343x in system reset during power-up. It must do
this by driving RESETZ to a logic low state. It should continue to assert system reset until all ASIC voltages have
reached minimum specified voltage levels, PARKZ is asserted high, and input clocks are stable. During this time,
most ASIC outputs will be driven to an inactive state and all bidirectional signals will be configured as inputs to
avoid contention. ASIC outputs that are not driven to an inactive state are tri-stated. These include LED_SEL_0,
LED_SEL_1, SPICLK, SPIDOUT, and SPICSZ0 (see RESETZ pin description for full signal descriptions in Pin
Configuration and Functions. After power is stable and the PLL_REFCLK_I clock input to the DLPC343x is
stable, then RESETZ should be deactivated (set to a logic high). The DLPC343x then performs a power-up
initialization routine that first locks its PLL followed by loading self configuration data from the external flash.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com