Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 12Page - Texas Instruments DLPC3433 Datasheet HTML 13Page - Texas Instruments DLPC3433 Datasheet HTML 14Page - Texas Instruments DLPC3433 Datasheet HTML 15Page - Texas Instruments DLPC3433 Datasheet HTML 16Page - Texas Instruments DLPC3433 Datasheet HTML 17Page - Texas Instruments DLPC3433 Datasheet HTML 18Page - Texas Instruments DLPC3433 Datasheet HTML 19Page - Texas Instruments DLPC3433 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
6.5 Electrical Characteristics over Recommended Operating Conditions
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS(5)(6)
MIN
TYP(7)
MAX(8)
UNIT
IDLE disabled, 720p, 60Hz
161
334
V(VDD)
Core current 1.1 V (main 1.1 V)
mA
IDLE disabled, 720p, 120Hz
185
368
IDLE disabled, 720p, 60Hz
4
7
V(VDD_PLLM)
MCG PLL 1.1 V current
mA
IDLE disabled, 720p, 120Hz
4
7
IDLE disabled, 720p, 60Hz
4
7
V(VDD_PLLD)
DCG PLL 1.1 V current
mA
IDLE disabled, 720p, 120Hz
4
7
V(VDD) +
IDLE disabled, 720p, 60Hz
169
348
Core Current 1.1 V + MCG PLL 1.1 V
V(VDD_PLLM)
mA
current + DCG PLL 1.1 V current
IDLE disabled, 720p, 120Hz
193
382
+ V(VDD_PLLD)
Main 1.8 V I/O current: 1.8 V power
supply for all I/O other than the host or
13
18
IDLE disabled, 720p, 60Hz
parallel interface and the SPI flash
interface.
V(VCC18)
mA
This includes sub-LVDS DMD I/O ,
SPACE
RESETZ, PARKZ, LED_SEL, CMP,
13
18
IDLE disabled, 720p, 120Hz
GPIO, IIC1, TSTPT and JTAG pins
SPACE
Host or parallel interface I/O current:
IDLE disabled, 720p, 60Hz
2
3
V(VCC_INTF)
1.8 to 3.3 V ( includes IIC0, PDATA,
mA
IDLE disabled, 720p, 120Hz
4
6
video syncs, and HOST_IRQ pins)
IDLE disabled, 720p, 60Hz
1
1.5
V(VCC_FLSH)
Flash interface I/O current: 1.8 to 3.3 V
mA
IDLE disabled, 720p, 120Hz
1
1.5
V(VCC18) +
IDLE disabled, 720p, 60Hz
16
22.5
Main 1.8 V I/O current + VCC_INTF
V(VCC_INTF) +
mA
current + VCC_FLSH current
IDLE disabled, 720p, 120Hz
18
25.5
V(VCC_FLSH)
(1)
Assumes 12.5% activity factor, 30% clock gating on appropriate domains, and mixed SVT or HVT cells
(2)
Programmable host and flash I/O are at minimum voltage (that is 1.8 V) for this typical scenario.
(3)
Max currents column use typical motion video as the input. The typical currents column uses SMPTE color bars as the input.
(4)
Some applications (that is, high-resolution 3D) may be forced to use 1-oz copper to manage ASIC package heat.
(5)
Input image is 1280 × 720 (720p) 24-bits on the parallel interface at the frame rate shown with a 0.3-inch 720p DMD.
(6)
In normal operation while displaying an image with CAIC enabled.
(7)
Assumes typical case power PVT condition = nominal process, typical voltage, typical temperature (55°C junction). 720p resolution.
(8)
Assumes worse case power PVT condition = corner process, high voltage, high temperature (105°C junction), 720p resolution.
16
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com