Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 29Page - Texas Instruments DLPC3433 Datasheet HTML 30Page - Texas Instruments DLPC3433 Datasheet HTML 31Page - Texas Instruments DLPC3433 Datasheet HTML 32Page - Texas Instruments DLPC3433 Datasheet HTML 33Page - Texas Instruments DLPC3433 Datasheet HTML 34Page - Texas Instruments DLPC3433 Datasheet HTML 35Page - Texas Instruments DLPC3433 Datasheet HTML 36Page - Texas Instruments DLPC3433 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
•
A read status register (RDSR) instruction (repeated as needed) to poll the write enable latch (WEL) bit
•
After the write enable latch (WEL) bit is set, the program or erase instruction is executed
•
Note the flash automatically clears the write enable status after each program and erase instruction
The specific instruction OpCode and timing compatibility requirements are listed in Table 7 and Table 6. Note
however that DLPC343x does not read the flash’s electronic signature ID and thus cannot automatically adapt
protocol and clock rate based on the ID.
Table 5. SPI Flash Instruction OpCode and Access Profile Compatibility Requirements
FIRST BYTE
SECOND
SPI FLASH COMMAND
THIRD BYTE
FOURTH BYTE
FIFTH BYTE
SIXTH BYTE
(OPCODE)
BYTE
Fast READ (1 Output)
0x0B
ADDRS(0)
ADDRS(1)
ADDRS(2)
dummy
DATA(0)(1)
Read status
0x05
n/a
n/a
STATUS(0)
Write status
0x01
STATUS(0)
(2)
Write enable
0x06
Page program
0x02
ADDRS(0)
ADDRS(1)
ADDRS(2)
DATA(0)(1)
Sector erase (4KB)
0x20
ADDRS(0)
ADDRS(1)
ADDRS(2)
Chip erase
0xC7
(1)
Only the first data byte is show, data continues
(2)
DLPC343x does not support access to a second/ expansion Write Status byte
The specific and timing compatibility requirements for a DLPC343x compatible flash are listed in Table 6 and
Table 7.
Table 6. SPI Flash Key Timing Parameter Compatibility Requirements(1)(2)
SPI FLASH TIMING PARAMETER
SYMBOL
ALTERNATE SYMBOL
MIN
MAX
UNIT
Access frequency (all commands)
FR
ƒC
≤1.42
MHz
Chip select high time (also called chip select deselect
tSHSL
tCSH
≤200
ns
time)
Output hold time
tCLQX
tHO
≥0
ns
Clock low to output valid time
tCLQV
tV
≤ 11
ns
Data in set-up time
tDVCH
tDSU
≤5
ns
Data in hold time
tCHDX
tDH
≤5
ns
(1)
The timing values are related to the specification of the flash device itself, not the DLPC343x.
(2)
The DLPC343x does not drive the HOLD or WP (active low write protect) pins on the flash device, and thus these pins should be tied to
a logic high on the PCB through an external pullup.
The DLPC343x supports 1.8-, 2.5-, or 3.3-V serial flash devices. To do so, VCC_FLSH must be supplied with the
corresponding voltage. Table 7 contains a list of 1.8-, 2.5-, and 3.3-V compatible SPI serial flash devices
supported by DLPC343x.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com