Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3433
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DLPC3433 Datasheet HTML 45Page - Texas Instruments DLPC3433 Datasheet HTML 46Page - Texas Instruments DLPC3433 Datasheet HTML 47Page - Texas Instruments DLPC3433 Datasheet HTML 48Page - Texas Instruments DLPC3433 Datasheet HTML 49Page - Texas Instruments DLPC3433 Datasheet HTML 50Page - Texas Instruments DLPC3433 Datasheet HTML 51Page - Texas Instruments DLPC3433 Datasheet HTML 52Page - Texas Instruments DLPC3433 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC343x
ASIC and the PLL_REFCLK_O pins should be left unconnected.
Table 12. DLPC343x Recommended Crystal Parts(1)(2)(3)
PASSED
TEMPERATURE
LOAD
MANUFACTURER
PART NUMBER
SPEED
ESR
DVT
AND AGING
CAPACITANCE
Yes
KDS
1ZZCAA24000EE0C
24 MHz
±50 ppm
120-
Ω max
8 pF
No
Muratta
XRCGB24M000F0L11R0
24 MHz
±100 ppm
120-
Ω max
6 pF
NX2016SA 24M
No
NDK
24 MHz
±145 ppm
120-
Ω max
6 pF
EXS00A-CS05733
(1)
These crystal devices appear compatible with the DLPC343x, but only those marked with yes in the DVT column have been validated.
(2)
Crystal package sizes: 2.0 × 1.6 mm for both crystals
(3)
Operating temperature range: –30°C to +85°C for all crystals
11.1.3 General PCB Recommendations
TI recommends 1-oz. copper planes in the PCB design to achieve needed thermal connectivity.
11.1.4 General Handling Guidelines for Unused CMOS-Type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends that unused
ASIC input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground. For
ASIC inputs with an internal pullup or pulldown resistors, it is unnecessary to add an external pullup or pulldown
unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should not be
expected to drive the external line. The DLPC343x implements very few internal resistors and these are noted in
the pin list. When external pullup or pulldown resistors are needed for pins that have built-in weak pullups or
pulldowns, use the value 8 k
Ω (max).
Unused output-only pins should never be tied directly to power or ground, but can be left open.
When possible, TI recommends that unused bidirectional I/O pins be configured to their output state such that
the pin can be left open. If this control is not available and the pins may become an input, then they should be
pulled-up (or pulled-down) using an appropriate, dedicated resistor.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com