Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 22 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 18Page - Texas Instruments DLPC3433ZVB Datasheet HTML 19Page - Texas Instruments DLPC3433ZVB Datasheet HTML 20Page - Texas Instruments DLPC3433ZVB Datasheet HTML 21Page - Texas Instruments DLPC3433ZVB Datasheet HTML 22Page - Texas Instruments DLPC3433ZVB Datasheet HTML 23Page - Texas Instruments DLPC3433ZVB Datasheet HTML 24Page - Texas Instruments DLPC3433ZVB Datasheet HTML 25Page - Texas Instruments DLPC3433ZVB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
tw(L)
RESETZ
80%
50%
20%
DC Power
Supplies
80%
50%
20%
80%
50%
20%
80%
50%
20%
tw(L)
tw(L)
tt
tt
MOSC
50%
80%
20%
50%
50%
tc
tw(H)
tw(L)
tt
80%
20%
tt
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
6.9 System Oscillators Timing Requirements
(1)
NUMBER
MIN
MAX
UNIT
1a
ƒclock Clock frequency, MOSC
(2)
Option 1: 24-MHz oscillator
23.998
24.002
MHz
1a
tc
Cycle time, MOSC(2)
Option 1: 24-MHz oscillator
41.670
41.663
ns
1b
ƒclock Clock frequency, MOSC
(2)
Option 2: 16-MHz oscillator
15.998
16.002
MHz
1b
tc
Cycle time, MOSC(2)
Option 2: 16-MHz oscillator
62.508
62.492
ns
2
tw(H)
Pulse duration(3), MOSC, high
50% to 50% reference points (signal)
40 tc%
3
tw(L)
Pulse duration(3), MOSC, low
50% to 50% reference points (signal)
40 tc%
4
tt
Transition time(3), MOSC, tt = tƒ / tr
20% to 80% reference points (signal)
10
ns
5
tjp
Long-term, peak-to-peak, period jitter(3), MOSC
2%
(that is the deviation in period from ideal period due solely to high frequency jitter)
(1)
The I/O pin TSTPT_6 enables the ASIC to use two different oscillator frequencies through a pullup control at initial ASIC power-up. If a
pullup is applied to this pin then a 16.0-MHz oscillator option must be used instead of the 24-MHz option shown.
(2)
The frequency accuracy for MOSC is ±200 PPM. (This includes impact to accuracy due to aging, temperature, and trim sensitivity.) The
MOSC input cannot support spread spectrum clock spreading.
(3)
Applies only when driven through an external digital oscillator.
Figure 4. System Oscillators
6.10 Power-Up and Reset Timing Requirements
NUMBER
MIN
MAX
UNIT
1
tw(L)
Pulse duration, inactive low, RESETZ 50% to 50% reference points (signal)
1.25
µs
2
tt
Transition time, RESETZ(1), tt = tƒ / tr 20% to 80% reference points (signal)
0.5
µs
(1)
For more information on RESETZ, see Pin Configuration and Functions.
Figure 5. Power-Up and Power-Down RESETZ Timing
22
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com