Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 34 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 30Page - Texas Instruments DLPC3433ZVB Datasheet HTML 31Page - Texas Instruments DLPC3433ZVB Datasheet HTML 32Page - Texas Instruments DLPC3433ZVB Datasheet HTML 33Page - Texas Instruments DLPC3433ZVB Datasheet HTML 34Page - Texas Instruments DLPC3433ZVB Datasheet HTML 35Page - Texas Instruments DLPC3433ZVB Datasheet HTML 36Page - Texas Instruments DLPC3433ZVB Datasheet HTML 37Page - Texas Instruments DLPC3433ZVB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
Table 7. DLPC343x Compatible SPI Flash Device Options(1) (2)
DVT(3)
DENSITY (Mb)
VENDOR
PART NUMBER
PACKAGE SIZE
1.8-V COMPATIBLE DEVICES
Yes
4 Mb
Winbond
W25Q40BWUXIG
2 × 3 mm USON
Yes
4 Mb
Macronix
MX25U4033EBAI-12G
1.43 × 1.94 mm WLCSP
Yes
8 Mb
Macronix
MX25U8033EBAI-12G
1.68 × 1.99 mm WLCSP
2.5- OR 3.3-V COMPATIBLE DEVICES
Yes
16 Mb
Winbond
W25Q16CLZPIG
5 × 6 mm WSON
(1)
The flash supply voltage must match VCC_FLSH on the DLPC343x. Special attention needs to be paid when ordering devices to be
sure the desired supply voltage is attained as multiple voltage options are often available under the same base part number.
(2)
Beware when considering Numonyx (Micron) serial flash devices as they typically do not have the 4KB sector size needed to be
DLPC343x compatible.
(3)
All of these flash devices appear compatible with the DLPC343x, but only those marked with yes in the DVT column have been
validated on the EVM3430 reference design. Those marked with no can be used at the ODM’s own risk.
8.3.3 Serial Flash Programming
Note that the flash can be programmed through the DLPC343x over I2C or by driving the SPI pins of the flash
directly while the DLPC343x I/O are tri-stated. SPI0_CLK, SPI0_DOUT, and SPI0_CSZ0 I/O can be tri-stated by
holding RESETZ in a logic low state while power is applied to the DLPC343x. Note that SPI0_CSZ1 is not tri-
stated by this same action.
8.3.4 SPI Signal Routing
The DLPC343x is designed to support two SPI slave devices on the SPI0 interface, specifically, a serial flash
and the DLPA200x. This requires routing associated SPI signals to two locations while attempting to operate up
to 36 MHz. Take special care to ensure that reflections do not compromise signal integrity. To this end, the
following recommendations are provided:
•
The SPI0_CLK PCB signal trace from the DLPC343x source to each slave device should be split into
separate routes as close to the DLPC343x as possible. In addition, the SPI0_CLK trace length to each device
should be equal in total length.
•
The SPI0_DOUT PCB signal trace from the DLPC343x source to each slave device should be split into
separate routes as close to the DLPC343x as possible. In addition, the SPI0_DOUT trace length to each
device should be equal in total length(use the same strategy as SPI0_CLK).
•
The SPI0_DIN PCB signal trace from each slave device to the point where they intersect on their way back to
the DLPC343x should be made equal in length and as short as possible. They should then share a common
trace back to the DLPC343x.
•
SPI0_CSZ0 and SPI0_CSZ1 need no special treatment because they are dedicated signals which drive only
one device.
8.3.5 I2C Interface Performance
Both DLPC343x I2C interface ports support 100-kHz baud rate. By definition, I2C transactions operate at the
speed of the slowest device on the bus, thus there is no requirement to match the speed grade of all devices in
the system.
8.3.6 Content-Adaptive Illumination Control
Content-adaptive illumination control (CAIC) is an image processing algorithm that takes advantage of the fact
that in common real-world image content most pixels in the images are well below full scale for the for the R, G,
and B digital channels being input to the DLPC343x. As a result of this the average picture level (APL) for the
overall image is also well below full scale, and the system’s dynamic range for the collective set of pixel values is
not fully utilized. CAIC takes advantage of this headroom between the source image APL and the top of the
available dynamic range of the display system.
34
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com