Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 47 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 47 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 43Page - Texas Instruments DLPC3433ZVB Datasheet HTML 44Page - Texas Instruments DLPC3433ZVB Datasheet HTML 45Page - Texas Instruments DLPC3433ZVB Datasheet HTML 46Page - Texas Instruments DLPC3433ZVB Datasheet HTML 47Page - Texas Instruments DLPC3433ZVB Datasheet HTML 48Page - Texas Instruments DLPC3433ZVB Datasheet HTML 49Page - Texas Instruments DLPC3433ZVB Datasheet HTML 50Page - Texas Instruments DLPC3433ZVB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
VSS
VDD
VSS_
PLLD
VDD_
PLLD
VSS
VSS_
PLLM
Signal
VSS
F
J
H
A
3
2
VDD
PLL_
REF
CLK_I
Signal
4
VDD_
PLLM
1
Signal
VSS
5
VIA to Common Analog
Digital Board Power Plane
VIA to Common Analog
Digital Board Ground Plane
ASIC Pad
PCB Pad
Local
Decoupling
for the PLL
Digital Supply
Signal VIA
FB
Signal
Signal
PLL_
REF
CLK_O
FB
Crystal Circuit
1.1 V
PWR
GND
G
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
11 Layout
11.1 Layout Guidelines
11.1.1 PCB Layout Guidelines for Internal ASIC PLL Power
The following guidelines are recommended to achieve desired ASIC performance relative to the internal PLL.
The DLPC343x contains 2 internal PLLs which have dedicated analog supplies (VDD_PLLM , VSS_PLLM,
VDD_PLLD, VSS_PLLD). As a minimum, VDD_PLLx power and VSS_PLLx ground pins should be isolated using
a simple passive filter consisting of two series Ferrites and two shunt capacitors (to widen the spectrum of noise
absorption). It’s recommended that one capacitor be a 0.1uf capacitor and the other be a 0.01uf capacitor. All
four components should be placed as close to the ASIC as possible but it’s especially important to keep the
leads of the high frequency capacitors as short as possible. Note that both capacitors should be connected
across VDD_PLLM and VSS_PLLM / VDD_PLLD and VSS_PLLD respectfully on the ASIC side of the Ferrites.
For the ferrite beads used, their respective characteristics should be as follows:
•
DC resistance less than 0.40
Ω
•
Impedance at 10 MHz equal to or greater than 180
Ω
•
Impedance at 100 MHz equal to or greater than 600
Ω
The PCB layout is critical to PLL performance. It is vital that the quiet ground and power are treated like analog
signals. Therefore, VDD_PLLM and VDD_PLLD must be a single trace from the DLPC343x to both capacitors
and then through the series ferrites to the power source. The power and ground traces should be as short as
possible, parallel to each other, and as close as possible to each other.
Figure 25. PLL Filter Layout
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com