Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 31 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 27Page - Texas Instruments DLPC3433ZVB Datasheet HTML 28Page - Texas Instruments DLPC3433ZVB Datasheet HTML 29Page - Texas Instruments DLPC3433ZVB Datasheet HTML 30Page - Texas Instruments DLPC3433ZVB Datasheet HTML 31Page - Texas Instruments DLPC3433ZVB Datasheet HTML 32Page - Texas Instruments DLPC3433ZVB Datasheet HTML 33Page - Texas Instruments DLPC3433ZVB Datasheet HTML 34Page - Texas Instruments DLPC3433ZVB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
ARM Cortex M3
128KB I/D Memory
I
2C_0
SPI_0
GPIO
SPI_1
I
2C_1
LED Control
Other options
20
Input
Control
Processing
24
Parallel Video /
BT656 Port
5
Test
Pattern
Generator
Clocks &
Reset
Generation
Real Time
Control
System
DLP
TM Display
Formatting
eDRAM
(Frame Memory)
DMD I/F
DMD_HS_CLK (sub-LVDS)
DMD_HS_DATA(A:H) (sub-LVDS)
DMD_LS_CLK
DMD_LS_WDATA
DMD_LS_RDATA
DMD_DEN_ARSTZ
Splash
Screen
- Chroma Interpolation
- Color Space Conversion
- Brightness Enhancement
- Dynamic Scaling
- Keystone Correction
- Gamma Correction
Video Processing
- Image Format Processing
- Contrast Adjust
- Color Correction
- CAIC Processing
- Blue Noise STM
- Power Saving Operations
Clock (Crystal)
Reset Control
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
8 Detailed Description
8.1 Overview
The DLPC343x is the display controller for the DLP3010 (.3 720) DMD. DLPC343x is part of the chipset
comprising DLPC343x controller, DLP3010 (.3 720) DMD, and DLPA200x PMIC/LED driver. All three
components of the chipset must be used in conjunction with each other for reliable operation of the DLP3010 (.3
720) DMD. The DLPC343x display controller provides interfaces and data/image processing functions that are
optimized for small form factor and power-constrained display applications. Applications include projection within
cell phones, camera, camcorders and tablets, pico projectors, wearable displays, and digital signage. Standalone
projectors must include a separate front-end chip to interface to the outside world (for example, video decoder,
HDMI receiver, triple ADC, or USB I/F chip).
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Interface Timing Requirements
This section defines the timing requirements for the external interfaces for the DLPC343x ASIC.
8.3.1.1 Parallel Interface
The parallel interface complies with standard graphics interface protocol, which includes a vertical sync signal
(VSYNC_WE), horizontal sync signal (HSYNC_CS), optional data valid signal (DATAEN_CMD), a 24-bit data
bus (PDATA), and a pixel clock (PCLK). The polarity of both syncs and the active edge of the clock are
programmable. Figure 6 shows the relationship of these signals. The data valid signal (DATAEN_CMD) is
optional in that the DLPC343x provides auto-framing parameters that can be programmed to define the data
valid window based on pixel and line counting relative to the horizontal and vertical syncs.
In addition to these standard signals, an optional side-band signal (PDM_CVS_TE) is available, which allows
periodic frame updates to be stopped without losing the displayed image. When PDM_CVS_TE is active, it acts
as a data mask and does not allow the source image to be propagated to the display. A programmable PDM
polarity parameter determines if it is active high or active low. This parameter defaults to make PDM_CVS_TE
active high; if this function is not desired, then it should be tied to a logic low on the PCB. PDM_CVS_TE is
restricted to change only during vertical blanking.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com