Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 11 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 7Page - Texas Instruments DLPC3433ZVB Datasheet HTML 8Page - Texas Instruments DLPC3433ZVB Datasheet HTML 9Page - Texas Instruments DLPC3433ZVB Datasheet HTML 10Page - Texas Instruments DLPC3433ZVB Datasheet HTML 11Page - Texas Instruments DLPC3433ZVB Datasheet HTML 12Page - Texas Instruments DLPC3433ZVB Datasheet HTML 13Page - Texas Instruments DLPC3433ZVB Datasheet HTML 14Page - Texas Instruments DLPC3433ZVB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
DLPC3433, DLPC3438
www.ti.com
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
Pin Functions – GPIO Peripheral Interface(1)
PIN
I/O
DESCRIPTION(2)
NAME
NUMBER
General purpose I/O 19 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
GPIO_19
M15
B1
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
2.
KEYPAD_4 (input): keypad applications
General purpose I/O 18 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
GPIO_18
M14
B1
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
2.
KEYPAD_3 (input): keypad applications
General purpose I/O 17 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
GPIO_17
L15
B1
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
2.
KEYPAD_2 (input): keypad applications
General purpose I/O 16 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
GPIO_16
L14
B1
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
2.
KEYPAD_1 (input): keypad applications
General purpose I/O 15 (hysteresis buffer). Options:
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
GPIO_15
K15
B1
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
2.
KEYPAD_0 (input): keypad applications
General purpose I/O 14 (hysteresis buffer). Options:
GPIO_14
K14
B1
1.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General purpose I/O 13 (hysteresis buffer). Options:
1.
CAL_PWR (output): Intended to feed the calibration control of the successive approximation ADC
GPIO_13
J15
B1
light sensor.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General purpose I/O 12 (hysteresis buffer). Options:
1.
(Output) power enable control for LABB light sensor.
GPIO_12
J14
B1
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General purpose I/O 11 (hysteresis buffer). Options:
1.
(Output): thermistor power enable.
GPIO_11
H15
B1
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General Purpose I/O 10 (hysteresis buffer). Options:
1.
RC_CHARGE (output): Intended to feed the RC charge circuit of the successive approximation ADC
GPIO_10
H14
B1
used to control the light sensor comparator.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General purpose I/O 09 (hysteresis buffer). Options:
1.
LS_PWR (active high output): Intended to feed the power control signal of the successive
GPIO_09
G15
B1
approximation ADC light sensor.
2.
Optional GPIO. Should be configured as a logic zero GPIO output and left unconnected if not used
(otherwise it will require an external pullup or pulldown to avoid a floating GPIO input).
General purpose I/O 08 (hysteresis buffer). Options:
1.
(All) Normal mirror parking request (active low): To be driven by the PROJ_ON output of the host. A
GPIO_08
G14
B1
logic low on this signal will cause the DLPC343x to PARK the DMD, but it will not power down the
DMD (the DLPA200x does that instead). The minimum high time is 200 ms. The minimum low time is
also 200 ms.
(1)
GPIO signals must be configured through software for input, output, bidirectional, or open-drain. Some GPIO have one or more
alternative use modes, which are also software configurable. The reset default for all GPIO is as an input signal. An external pullup is
required for each signal configured as open-drain.
(2)
DLPC343x general purpose I/O. These GPIO are software configurable.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com