Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 28 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 24Page - Texas Instruments DLPC3433ZVB Datasheet HTML 25Page - Texas Instruments DLPC3433ZVB Datasheet HTML 26Page - Texas Instruments DLPC3433ZVB Datasheet HTML 27Page - Texas Instruments DLPC3433ZVB Datasheet HTML 28Page - Texas Instruments DLPC3433ZVB Datasheet HTML 29Page - Texas Instruments DLPC3433ZVB Datasheet HTML 30Page - Texas Instruments DLPC3433ZVB Datasheet HTML 31Page - Texas Instruments DLPC3433ZVB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
RESETZ
500 ms max
I
2C access to DLPC343x should not start until
HOST_IRQ goes low (this should occur within 500 ms
from the release of RESETZ.
HOST_IRQ
(with External
Pullup)
0 ms min
(INIT_BUSY)
(ERR IRQ)
3 µs min
An active high pulse on HOST_IRQ following the
initialization period indicates an error condition
was detected. The source of the error is reported
in the system status.
The first falling edge of HOST_IRQ
indicates auto-initialization done.
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
7 Parameter Measurement Information
7.1 HOST_IRQ Usage Model
•
While reset is applied HOST_IRQ will reset to tri-state (an external pullup pulls the line high).
•
HOST_IRQ will remain tri-state (pulled high externally) until the microprocessor boot completes. While the
signal is pulled high, this indicates that the ASIC is performing boot-up and auto-initialization.
•
As soon as possible after boot-up, the microprocessor will drive HOST_IRQ to a logic high state to indicate
that the ASIC is continuing to perform auto-initialization (no real state change occurs on the external signal)
•
Upon completion of auto-initialization, software will set HOST_IRQ to a logic low state to indicate the
completion of auto-initialization. (At the falling edge, the system is said to enter the INIT_DONE state.)
•
After auto-initialization completes, HOST_IRQ is used to generate a logic high interrupt pulse to the host
through software control. (This interrupt indicates that the ASIC has detected an error condition or otherwise
requires service.)
Figure 10. Host IRQ Timing
28
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com