Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 46 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 46 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 42Page - Texas Instruments DLPC3433ZVB Datasheet HTML 43Page - Texas Instruments DLPC3433ZVB Datasheet HTML 44Page - Texas Instruments DLPC3433ZVB Datasheet HTML 45Page - Texas Instruments DLPC3433ZVB Datasheet HTML 46Page - Texas Instruments DLPC3433ZVB Datasheet HTML 47Page - Texas Instruments DLPC3433ZVB Datasheet HTML 48Page - Texas Instruments DLPC3433ZVB Datasheet HTML 49Page - Texas Instruments DLPC3433ZVB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
DLPC343x Power-Up Initialization Sequence (continued)
Upon release of RESETZ all DLPC343x I/Os will become active. Immediately following the release of RESETZ,
the HOST_IRQ signal will be driven high to indicate that the auto initialization routine is in progress. However,
since a pullup resistor is connected to signal HOST_IRQ, this signal will have already gone high before the
DLPC343x actively drives it high. Upon completion of the auto-initialization routine, the DLPC343x will drive
HOST_IRQ low to indicate the initialization done state of the DLPC343x has been reached.
Note that the host processor can start sending I2C commands after HOST_IRQ goes low.
10.3 DMD Fast PARK Control (PARKZ)
The PARKZ signal is defined to be an early warning signal that should alert the ASIC 40 µs before DC supply
voltages have dropped below specifications in fast PARK operation. This allows the ASIC time to park the DMD,
ensuring the integrity of future operation. Note that the reference clock should continue to run and RESETZ
should remain deactivated for at least 40 µs after PARKZ has been deactivated (set to a logic low) to allow the
park operation to complete.
10.4 Hot Plug Usage
The DLPC343x provides fail-safe I/O on all host interface signals (signals powered by VCC_INTF). This allows
these inputs to be driven high even when no I/O power is applied. Under this condition, the DLPC343x will not
load the input signal nor draw excessive current that could degrade ASIC reliability. For example, the I2C bus
from the host to other components would not be affected by powering off VCC_INTF to the DLPC343x. TI
recommends weak pullups or pulldowns on signals feeding back to the host to avoid floating inputs.
If the I/O supply (VCC_INTF) is powered off, but the core supply (VDD) is powered on, then the corresponding
input buffer may experience added leakage current, but this does not damage the DLPC343x.
10.5 Maximum Signal Transition Time
Unless otherwise noted, 10 ns is the maximum recommended 20 to 80% rise or fall time to avoid input buffer
oscillation. This applies to all DLPC343x input signals. However, the PARKZ input signal includes an additional
small digital filter that ignores any input buffer transitions caused by a slower rise or fall time for up to 150 ns.
46
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com