Electronic Components Datasheet Search
  English  ▼

X  

DLPC3433ZVB Datasheet(PDF) 48 Page - Texas Instruments

Part # DLPC3433ZVB
Description  Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3433ZVB Datasheet(HTML) 48 Page - Texas Instruments

Back Button DLPC3433ZVB Datasheet HTML 44Page - Texas Instruments DLPC3433ZVB Datasheet HTML 45Page - Texas Instruments DLPC3433ZVB Datasheet HTML 46Page - Texas Instruments DLPC3433ZVB Datasheet HTML 47Page - Texas Instruments DLPC3433ZVB Datasheet HTML 48Page - Texas Instruments DLPC3433ZVB Datasheet HTML 49Page - Texas Instruments DLPC3433ZVB Datasheet HTML 50Page - Texas Instruments DLPC3433ZVB Datasheet HTML 51Page - Texas Instruments DLPC3433ZVB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
PLL_REFCLK_O
Crystal
R
FB
C
L1
R
S
C
L2
PLL_REFCLK_I
DLPC3433, DLPC3438
DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016
www.ti.com
Layout Guidelines (continued)
11.1.2 DLPC343x Reference Clock
The DLPC343x requires an external reference clock to feed its internal PLL. A crystal or oscillator can supply this
reference. For flexibility, the DLPC343x accepts either of two reference clock frequencies (see Table 11), but
both must have a maximum frequency variation of ±200 ppm (including aging, temperature, and trim component
variation). When a crystal is used, several discrete components are also required as shown in Figure 26.
A.
CL = Crystal load capacitance (farads)
B.
CL1 = 2 × (CL – Cstray_pll_refclk_i)
C.
CL2 = 2 × (CL – Cstray_pll_refclk_o)
D.
Where: Cstray_pll_refclk_i = Sum of package and PCB stray capacitance at the crystal pin associated with the ASIC
pin pll_refclk_i. Cstray_pll_refclk_o = Sum of package and PCB stray capacitance at the crystal pin associated with
the ASIC pin pll_refclk_o.
Figure 26.
11.1.2.1 Recommended Crystal Oscillator Configuration
Table 10. Crystal Port Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
1.5
pF
PLL_REFCLK_O TO GND capacitance
1.5
pF
Table 11. Recommended Crystal Configuration(1)(2)
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
24 or 16
MHz
Crystal frequency tolerance (including accuracy, temperature, aging and trim sensitivity)
±200
PPM
Maximum startup time
1.0
ms
Crystal equivalent series resistance (ESR)
120 max
Ω
Crystal load
6
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1Meg
Ω
CL1 external crystal load capacitor
See equation in Figure 26 notes
pF
CL2 external crystal load capacitor
See equation in Figure 26 notes
pF
A ground isolation ring around the
PCB layout
crystal is recommended
(1)
Temperature range of –30°C to +85°C
(2)
The crystal bias is determined by the ASIC's VCC_INTF voltage rail, which is variable (not the VCC18 rail).
48
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: DLPC3433 DLPC3438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com