Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 24Page - Microchip Technology LAN7500 Datasheet HTML 25Page - Microchip Technology LAN7500 Datasheet HTML 26Page - Microchip Technology LAN7500 Datasheet HTML 27Page - Microchip Technology LAN7500 Datasheet HTML 28Page - Microchip Technology LAN7500 Datasheet HTML 29Page - Microchip Technology LAN7500 Datasheet HTML 30Page - Microchip Technology LAN7500 Datasheet HTML 31Page - Microchip Technology LAN7500 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 28
 2014 Microchip Technology Inc
64h
01
Number of Interfaces
65h
01
Value to use as an argument to select this configuration
66h
00
Index of String Descriptor describing this configuration
67h
A0
Bus powered and remote wakeup enabled
68h
FA
Maximum Power Consumption is 500 mA
69h
09
Size of Descriptor in Bytes (9 Bytes)
6Ah
04
Descriptor Type (Interface Descriptor - 04h)
6Bh
00
Number identifying this Interface
6Ch
00
Value used to select alternative setting
6Dh
03
Number of Endpoints used for this interface (Less endpoint 0)
6Eh
FF
Class Code
6Fh
00
Subclass Code
70h
FF
Protocol Code
71h
00
Index of String Descriptor Describing this interface
72h
12
Size of Full-Speed Device Descriptor in Bytes (18 Bytes)
73h
01
Descriptor Type (Device Descriptor - 01h)
74h - 75h
00 02
USB Specification Number that the device complies with (0200h)
76h
FF
Class Code
77h
00
Subclass Code
78h
FF
Protocol Code
79h
40
Maximum Packet Size for Endpoint 0
7Ah - 7Bh
24 04
Vendor ID (0424h)
7Ch - 7Dh
00 75
Product ID (7500h)
7Eh - 7Fh
00 01
Device Release Number (0100h)
80h
01
Index of Manufacturer String Descriptor
81h
02
Index of Product String Descriptor
82h
03
Index of Serial Number String Descriptor
83h
01
Number of Possible Configurations
84h
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
85h
02
Descriptor Type (Configuration Descriptor - 02h)
86h - 87h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
Table 3.7 EEPROM Example - 256 Byte EEPROM (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com