Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 6Page - Microchip Technology LAN7500 Datasheet HTML 7Page - Microchip Technology LAN7500 Datasheet HTML 8Page - Microchip Technology LAN7500 Datasheet HTML 9Page - Microchip Technology LAN7500 Datasheet HTML 10Page - Microchip Technology LAN7500 Datasheet HTML 11Page - Microchip Technology LAN7500 Datasheet HTML 12Page - Microchip Technology LAN7500 Datasheet HTML 13Page - Microchip Technology LAN7500 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 10
 2014 Microchip Technology Inc
The implemented IEEE 1149.1 instructions and their op codes are shown in Table 1.1.
Note: All digital I/O pins support IEEE 1149.1 operation. Analog pins and the XO pin do not support
IEEE 1149.1 operation.
1.1.11
Test Features
Read/Write access to internal SRAMs is provided via the devices registers. JTAG based USB BIST is
available.
1.1.12
System Software
LAN7500/LAN7500i software drivers are available for the following operating systems:
Windows XP/ Vista/ Windows 7
Win CE
Linux
MAC OS
DOS ODI
In addition, an EEPROM programming utility is available for configuring the external EEPROM. PXE
Support is also available.
Table 1.1 IEEE 1149.1 Op Codes
INSTRUCTION
OP CODE
COMMENT
Bypass
111
Mandatory Instruction
Sample/Preload
010
Mandatory Instruction
EXTEST
000
Mandatory Instruction
Clamp
011
Optional Instruction
HIGHZ
100
Optional Instruction
IDCODE
001
Optional Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com