Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 30Page - Microchip Technology LAN7500 Datasheet HTML 31Page - Microchip Technology LAN7500 Datasheet HTML 32Page - Microchip Technology LAN7500 Datasheet HTML 33Page - Microchip Technology LAN7500 Datasheet HTML 34Page - Microchip Technology LAN7500 Datasheet HTML 35Page - Microchip Technology LAN7500 Datasheet HTML 36Page - Microchip Technology LAN7500 Datasheet HTML 37Page - Microchip Technology LAN7500 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 34
 2014 Microchip Technology Inc
Chapter 5 NetDetach Operation
5.1
NetDetach
NetDetach is a mode of operation where the device detaches from the USB bus after the Ethernet
cable is disconnected. This is advantageous for mobile devices, as an attached USB device may
prevent the Host CPU from entering the ACPI C3 state. Allowing the CPU to enter the C3 state
maximizes battery life, as the C3 state is the lowest of the four APCI power states.
When detached, the device is in a low power state. After the Ethernet cable is reconnected, or a
programmed GPIO pin asserts, the device automatically attaches to the USB bus.
Figure 5.1 LAN7500/LAN7500i Detach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com