Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 10Page - Microchip Technology LAN7500 Datasheet HTML 11Page - Microchip Technology LAN7500 Datasheet HTML 12Page - Microchip Technology LAN7500 Datasheet HTML 13Page - Microchip Technology LAN7500 Datasheet HTML 14Page - Microchip Technology LAN7500 Datasheet HTML 15Page - Microchip Technology LAN7500 Datasheet HTML 16Page - Microchip Technology LAN7500 Datasheet HTML 17Page - Microchip Technology LAN7500 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 14
 2014 Microchip Technology Inc
Table 2.3 JTAG Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
JTAG Test
Data Out
TDO
VO8
JTAG (IEEE 1149.1) data output.
1
JTAG Test
Data Input
TDI
VIS
(PU)
JTAG (IEEE 1149.1) data input.
Note:
When not used, tie this pin to
VDDVARIO.
1
JTAG Test
Clock
TCK
VIS
(PD)
JTAG (IEEE 1149.1) test clock.
Note:
When not used, tie this pin to VSS.
1
JTAG Test
Mode Select
TMS
VIS
(PU)
JTAG (IEEE 1149.1) test mode select.
Note:
When not used, tie this pin to
VDDVARIO.
Table 2.4 USB Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
USB
DMINUS
USBDM
AIO
Note:
The functionality of this pin may be
swapped to USB DPLUS via the Port
Swap bit of Configuration Flags 0.
1
USB
DPLUS
USBDP
AIO
Note:
The functionality of this pin may be
swapped to USB DMINUS via the Port
Swap bit of Configuration Flags 0.
1
External USB
Bias Resistor.
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an
external 12K 1.0% resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com