Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 44Page - Microchip Technology LAN7500 Datasheet HTML 45Page - Microchip Technology LAN7500 Datasheet HTML 46Page - Microchip Technology LAN7500 Datasheet HTML 47Page - Microchip Technology LAN7500 Datasheet HTML 48Page - Microchip Technology LAN7500 Datasheet HTML 49Page - Microchip Technology LAN7500 Datasheet HTML 50Page - Microchip Technology LAN7500 Datasheet HTML 51Page - Microchip Technology LAN7500 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 48
 2014 Microchip Technology Inc
7.5.2
Power Sequence Timing
Power supplies must adhere to the following rules:
All power supplies of the same voltage must be powered up/down together.
There is no power-up sequencing requirement, however all power supplies must reach operational
levels within the time periods specified in Table 7.15.
There is no power-down sequencing or timing requirement, however the device must not be
powered for an extended period of time without all supplies at operational levels.
Following initial power-on, or if a power supply brownout occurs (i.e., one or more supplies drops
below operational limits), a power-on reset must be executed once all power supplies reach
operational levels. Refer to Section 7.5.3, "Power-On Reset Timing," on page 49 for power-on reset
requirements.
With the exception of VBUS_DET, do not drive input signals without power supplied to the device.
Note: Violation of these specifications may damage the device.
Note: The VDDVARIO power supply can be run at 2.5V or 3.3V.
Note: The magnetics power supply can be run at 2.5V or 3.3V.
Figure 7.2 Power Sequence Timing
Table 7.15 Power Sequence Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tpon
Power supply turn on time
0
25
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com