Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 14Page - Microchip Technology LAN7500 Datasheet HTML 15Page - Microchip Technology LAN7500 Datasheet HTML 16Page - Microchip Technology LAN7500 Datasheet HTML 17Page - Microchip Technology LAN7500 Datasheet HTML 18Page - Microchip Technology LAN7500 Datasheet HTML 19Page - Microchip Technology LAN7500 Datasheet HTML 20Page - Microchip Technology LAN7500 Datasheet HTML 21Page - Microchip Technology LAN7500 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 18
 2014 Microchip Technology Inc
2.2
Buffer Types
Table 2.9 Buffer Types
BUFFER TYPE
DESCRIPTION
VIS
Variable voltage Schmitt-triggered Input
IS_5V
5V Tolerant Schmitt-triggered Input
VO6
Variable voltage output with 6mA sink and 6mA source
VOD6
Variable voltage open-drain output with 6mA sink
VO8
Variable voltage output with 8mA sink and 8mA source
VOD8
Variable voltage open-drain output with 8mA sink
PU
50uA (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-
ups are always enabled.
Note:
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to LAN7500/LAN7500i. When
connected to a load that must be pulled high, an external resistor must be added.
PD
50uA (typical) internal pull-down. Unless otherwise noted in the pin description, internal
pull-downs are always enabled.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely
on internal resistors to drive signals external to LAN7500/LAN7500i. When
connected to a load that must be pulled low, an external resistor must be added.
AI
Analog input
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
P
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com