| Electronic Components Datasheet Search |
|
LAN7500 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN7500 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 58 page ![]() Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller Datasheet DS00001734A-page 12 2014 Microchip Technology Inc Table 2.1 GPIO Pins NUM PINS NAME SYMBOL BUFFER TYPE DESCRIPTION 1 Indicator LED0 LED0 VOD8 Used in conjunction with LED1. May be programmed to indicate Link and Speed or Link and Speed and Activity. General Purpose I/O 0 GPIO0 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: This pin is configured as a GPIO by default. 1 Indicator LED1 LED1 VOD8 Used in conjunction with LED0. May be programmed to indicate Ethernet Link and Speed or Link and Speed and Activity. General Purpose I/O 1 GPIO1 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: This pin is configured as a GPIO by default. 1 Indicator LED2 LED2 VOD8 May be programmed to indicate Ethernet Link and Activity or just Activity. General Purpose I/O 2 GPIO2 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: This pin is configured as a GPIO by default. 1 Indicator LED3 LED3 VOD8 May be programmed for use as an Ethernet Link indicator. General Purpose I/O 3 GPIO3 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. Note: This pin is configured as a GPIO by default. 1 Indicator LED4 LED4 VOD8 May be programmed to indicate Ethernet Full Duplex operation. General Purpose I/O 4 GPIO4 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. 1 PME PME VO8/ VOD8 This pin may be used to signal PME when PME mode of operation is in effect. Refer to Chapter 4, "PME Operation," on page 30 for additional information. General Purpose I/O 5 GPIO5 VIS/VO8/ VOD8 (PU) This General Purpose I/O pin is fully programmable as either a push-pull output, an open-drain output, or a Schmitt-triggered input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |